Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX50841 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX50841
Description  0.18um Structured ASIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX50841 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX50841 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX50841 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX50841 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX50841 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX50841 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX50841 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
© ChipX Inc.
1
CEC034 (9/20/05)
CX5000
0.18um Structured ASIC
Product Description
The 0.18um CX5000 is an ASIC that utilizes the combination of an
advanced metal programmable gate array and optimized EDA system to
implement high performance ASIC designs while reducing application
tooling costs and design turnaround time. ASIC designers using the
CX5000 are able to meet or exceed their design schedules and budgets
without compromising technical objectives.
The CX5000 comprises a family of pre-configured platform masterslices that
contain varying amounts of general-purpose logic, fast memory, advanced
I/Os, clock synthesis and phase management macrocells. When combined with a mix of popular third-
party tools and custom designed point EDA solutions, the CX5000 provides not just gate array hardware,
but also a complete ASIC Platform from which to develop today
’s advanced SoC ASICs.
Manufactured in UMC
’s 0.18um, 6-layer metal CMOS process, the CX5000 combines the reliability and
quality of an industry-leading silicon foundry, with the high performance, low power consumption and fast
design turnaround time of ChipX Structured ASIC technology. The CX5000 family is very applicable to
cost reduction projects, replacing expensive FPGA devices with low-cost metal programmable
technology. The CX5000 is the first viable
“standard cell alternative” ASIC technology, developed in
response to the growing need for cost-effective ASIC implementation capability.
The CX5000 Structured ASIC technology uses just two of the six available metal layers to program the
logic, memory, I/O and clocking of an ASIC design and so eliminates the large costs of the remaining
“fixed” masks. Wafers are manufactured up to Metal 4, where they are held pending completion of the
customer application. Completed chips can be delivered to the customer less than three weeks after sign-
off of the finished design.
ChipX Structured ASIC technology is very similar in concept to FPGA, which makes it easy to use and
familiar to most ASIC and system designers. Using metal interconnect segments rather than SRAM cells
to program the ASIC, CX5000 technology reduces the area of the chip by between 5x and 10x over the
equivalent FPGA and brings performance up to 90% of standard cell design speeds.
Key Features and Benefits
Structured ASIC architecture
Low NRE and start-up costs
Fast time to production
30K to 1.2M usable ASIC gates
Up to 2.6M bits of fast block memory
2ns access time single-port SRAM, dual-port SRAM and ROM
Low power consumption (0.06uW/MHz/Gate)
200MHz general core logic operation, 650MHz in constrained clock domains


Similar Part No. - CX50841

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX5013 PULSE-CX5013 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX5013 PULSE-CX5013 Datasheet
77Kb / 1P
   RF/CABLE LOW PASS FILTERS
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA10000H0QSWZZ KSS-CX5032GA10000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

Similar Description - CX50841

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
   0.15關m Structured ASIC
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
   HCMOS STRUCTURED ARRAY
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
   ASIC
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
   CMOS ASIC encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com