Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9000 Datasheet(PDF) 29 Page - Altera Corporation

Part # MAX9000
Description  Programmable Logic Device Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX9000 Datasheet(HTML) 29 Page - Altera Corporation

Back Button MAX9000 Datasheet HTML 25Page - Altera Corporation MAX9000 Datasheet HTML 26Page - Altera Corporation MAX9000 Datasheet HTML 27Page - Altera Corporation MAX9000 Datasheet HTML 28Page - Altera Corporation MAX9000 Datasheet HTML 29Page - Altera Corporation MAX9000 Datasheet HTML 30Page - Altera Corporation MAX9000 Datasheet HTML 31Page - Altera Corporation MAX9000 Datasheet HTML 32Page - Altera Corporation MAX9000 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Altera Corporation
29
MAX 9000 Programmable Logic Device Family Data Sheet
tPD1
Row I/O pin input to row I/O
pin output
C1 = 35 pF (2)
10.0
15.0
20.0
ns
tPD2
Column I/O pin input to
column I/O pin output
C1 = 35 pF
(2)
EPM9320A
10.8
ns
EPM9320
16.0
23.0
ns
EPM9400
16.2
23.2
ns
EPM9480
16.4
23.4
ns
EPM9560A
11.4
ns
EPM9560
16.6
23.6
ns
tFSU
Global clock setup time for I/O
cell
3.0
5.0
6.0
ns
tFH
Global clock hold time for I/O
cell
0.0
0.0
0.0
ns
tFCO
Global clock to I/O cell output
delay
C1 = 35 pF
1.0 (3)
4.8
1.0 (3)
7.0
1.0 (3)
8.5
ns
tCNT
Minimum internal global clock
period
(4)
6.9
8.5
10.0
ns
fCNT
Maximum internal global clock
frequency
(4)
144.9
117.6
100.0
MHz


Similar Part No. - MAX9000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
MAX9000EUA MAXIM-MAX9000EUA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results

Similar Description - MAX9000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com