Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9000 Datasheet(PDF) 25 Page - Altera Corporation

Part # MAX9000
Description  Programmable Logic Device Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX9000 Datasheet(HTML) 25 Page - Altera Corporation

Back Button MAX9000 Datasheet HTML 21Page - Altera Corporation MAX9000 Datasheet HTML 22Page - Altera Corporation MAX9000 Datasheet HTML 23Page - Altera Corporation MAX9000 Datasheet HTML 24Page - Altera Corporation MAX9000 Datasheet HTML 25Page - Altera Corporation MAX9000 Datasheet HTML 26Page - Altera Corporation MAX9000 Datasheet HTML 27Page - Altera Corporation MAX9000 Datasheet HTML 28Page - Altera Corporation MAX9000 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Altera Corporation
25
MAX 9000 Programmable Logic Device Family Data Sheet
VIH
High-level input voltage
(7)
2.0VCCINT +
0.5
V
VIL
Low-level input voltage
–0.5
0.8V
VOH
5.0-V high-level TTL output voltageIOH = –4 mA DC, VCCIO = 4.75 V (8)
2.4V
3.3-V high-level TTL output voltageIOH = –4 mA DC, VCCIO = 3.00 V (8)
2.4V
3.3-V high-level CMOS output voltageIOH = –0.1 mA DC, VCCIO = 3.00 V (8)
VCCIO
0.2
V
VOL
5.0-V low level TTL output voltageIOL = 12 mA DC, VCCIO = 4.75 V (8)
0.45V
3.3-V low-level TTL output voltageIOL = 12 mA DC, VCCIO = 3.00 V (8)
0.45V
3.3-V low-level CMOS output voltageIOL = 0.1 mA DC, VCCIO = 3.00 V (8)
0.2V
I I
I/O pin leakage current of dedicated input
pins
VI = –0.5 to 5.5 V (9)
–10
10
A
I OZ
Tri-state output off-state currentVI = –0.5 to 5.5 V
–40
40
A
C DIN1
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
18
pF
C DIN2
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
18
pF
C DIN3
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
17
pF
C DIN4
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
20
pF
C I/O
I/O pin capacitanceVIN = 0 V, f = 1.0 MHz
12
pF
C DIN1
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
16
pF
C DIN2
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
10
pF
C DIN3
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
10
pF
C DIN4
Dedicated input capacitanceVIN = 0 V, f = 1.0 MHz
12
pF
C I/O
I/O pin capacitanceVIN = 0 V, f = 1.0 MHz
8
pF
I CC1
ICC supply current (low-power
mode, standby, typical)
VI = ground,
no load (11)
106
132
140
146
mA


Similar Part No. - MAX9000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
MAX9000EUA MAXIM-MAX9000EUA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results

Similar Description - MAX9000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com