Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX50331 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CX50331
Description  0.18um Structured ASIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX50331 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CX50331 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX50331 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CX5000:
0.18um Structured ASIC Product Family
© ChipX Inc.
3
CEC034 (9/20/05)
The CX5000 family has a flexible I/O structure. Each metal-programmable I/O driver cell supports one or
two pads, depending on the I/O configuration chosen. The CX5000 product line can be packaged in
conventional IC packaging, provided as bare die or processed with an extra layer of metal, bumped and
then mounted into a flip-chip package. ChipX has a vast library of standard packages, large pin count
FPGA packages, military and hermetic packages. Custom package development services are reasonably
priced and include multi-chip modules as well as exotic, ultra-fine pitch and very small outline package
types.
CX5000 Architecture: Core, Memory, Corner, I/O Ring
Core
The CX5000 core logic is divided into logic modules each with a closely packed, optimized transistor
layout separated by routing channels. The placer software configures the logic modules using pre-defined
templates in the top two metal layers to perform the 400 or so library elements supported by the CX5000
technology. Via stacks are used to bring module internal signals up to the programming layers, where
they are connected to form the logic function.
The library of logic components described in the CX5000 Data Book uses variously one, two, and
sometimes three logic modules. The Synthesis Engine is instructed to use the most complex
combinatorial logic components possible to ensure best utilization of each logic module. The router is
used to wire up the global routing resources and make short distance connections between the logic
modules in the routing channels. The routing channels contain lengthwise and crosswise metal wires of
various fetches connected to each other and to the logic modules using the top two metal layers.
The CX5000 core logic operates at clock speeds in excess of 200MHz. The applications targeted for
standard cell generally operate at 90% of the standard cell performance and considerably faster than
FPGAs. A two input NAND gate in CX5000 technology typically contributes just 180ps of delay to a logic
path.
The CX5000 is optimized for low power
consumption. Table 2 outlines the power budget
of the CX5000 core components.
Memory
The CX5000 has two memory types. Flexible CX-Memory blocks are arranged at the bottom of the
masterslice and extend across the entire width of the chip. Each memory represents 16K bits of available
2ns block SRAM or ROM with two address decoders, two input ports, and two output ports. As shown in
Figure 1 (next page), the address decoders can be used to address two separate 8K bit memory
instances or one 8K bit dual-port memory instance. Each memory may be as narrow as 2 bits or as wide
as 64 bits, with corresponding depth.
In addition, each CX5000 masterslice contains multiple blocks of 18Kbit fast dual port SRAM arranged as
36bits x 512 locations with bitwise-write-enables. This memory is spread around the core logic of the
masterslice and is convenient for matching with Xilinx/Altera block SRAM or for combining into larger
memories for processor cache or scratchpad memory.
TABLE 2.
CX5000 CORE COMPONENTS POWER BUDGET
Flip Flop Constant Data (uW/MHz) Typical
0.076
Flip Flop Toggling Data (uW/MHz) Typical
0.49
Logic Cell (uW/MHz) Typical
0.25


Similar Part No. - CX50331

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA08000H0QTVZ1 KSS-CX5032GA08000H0QTVZ1 Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032GA10000H0QSWZZ KSS-CX5032GA10000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA12000H0QSWZZ KSS-CX5032GA12000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
CX5032GA15000H0QSWZZ KSS-CX5032GA15000H0QSWZZ Datasheet
1Mb / 27P
   Crystal Units Surface Mount Type
More results

Similar Description - CX50331

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
   0.15mm Structured ASIC
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
   0.15關m Structured ASIC
logo
STMicroelectronics
ISB35000 STMICROELECTRONICS-ISB35000 Datasheet
345Kb / 15P
   HCMOS STRUCTURED ARRAY
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
   ASIC
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
logo
Pan Jit International I...
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT8A06 PANJIT-QRT8A06 Datasheet
775Kb / 8P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT10A06 PANJIT-QRT10A06 Datasheet
626Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
QRT812 PANJIT-QRT812 Datasheet
688Kb / 7P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
   CMOS ASIC encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com