Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT244T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT244T
Description  Fast CMOS Octal Buffer/Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT244T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT244T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT244T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT244T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT244T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT244T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT244T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS2011B
12/11/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT240T/241T/244T/540T/541T(25ohmSeries)
PI74FCT2240T/2241T/2244T/2541T
OctalBuffer/LineDrivers
PI74FCT240/2240T Switching Characteristics over Operating Range
240T/2240T
240AT/2240AT 240CT/2240CT
240DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
8.0
1.5
4.8
1.5
4.3
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
10.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
9.5
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEX to ON
PI74FCT241/2241T Switching Characteristics over Operating Range
241T/2241T
241AT/2241AT 241CT/2241CT
241DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEA/OEB to ON
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEA/OEB to ON
PI74FCT244/2244T Switching Characteristics over Operating Range
244T/2244T
244AT/2244AT 244CT/2244CT
244DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEX to ON
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.


Similar Part No. - PI74FCT244T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244TH PERICOM-PI74FCT244TH Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244TH PERICOM-PI74FCT244TH Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244THE PERICOM-PI74FCT244THE Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT244T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com