Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT728981 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT728981
Description  TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT728981 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT728981 Datasheet HTML 2Page - Integrated Device Technology IDT728981 Datasheet HTML 3Page - Integrated Device Technology IDT728981 Datasheet HTML 4Page - Integrated Device Technology IDT728981 Datasheet HTML 5Page - Integrated Device Technology IDT728981 Datasheet HTML 6Page - Integrated Device Technology IDT728981 Datasheet HTML 7Page - Integrated Device Technology IDT728981 Datasheet HTML 8Page - Integrated Device Technology IDT728981 Datasheet HTML 9Page - Integrated Device Technology IDT728981 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc. and the ST-BUS® is a trademark of Mitel Corp.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:FIFOhelp@idt.com
www.idt.com*
P Pkg: www.idt.com/docs/PSC4003.pdf
J Pkg: www.idt.com/docs/PSC4008.pdf
DB Pkg: www.idt.com/docs/PSC4082.pdf
5703 drw15
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
728981
128 x 128
 Time Slot Interchange Digital Switch
J
Plastic Leaded Chip Carrier (PLCC, J44-1)
P
Plastic Dip (P40-1)
Plastic Quad Flatpack (PQFP, DB44-1)
DB
ORDERING IN.ORMATION
DATASHEET DOCUMENT HISTORY
5/23/2000
pgs. 1, 2, and 10.
8/18/2000
pgs. 1, 2 and 10.
01/24/2001
pg. 1 and 6.


Similar Part No. - IDT728981

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results

Similar Description - IDT728981

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
logo
Integrated Device Techn...
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT72V8981 RENESAS-IDT72V8981 Datasheet
335Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
AUGUST 2003
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com