Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1050 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050
Description  Single Chip Very Low Power RF Transmitter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1050 Datasheet HTML 30Page - Texas Instruments CC1050 Datasheet HTML 31Page - Texas Instruments CC1050 Datasheet HTML 32Page - Texas Instruments CC1050 Datasheet HTML 33Page - Texas Instruments CC1050 Datasheet HTML 34Page - Texas Instruments CC1050 Datasheet HTML 35Page - Texas Instruments CC1050 Datasheet HTML 36Page - Texas Instruments CC1050 Datasheet HTML 37Page - Texas Instruments CC1050 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
CC1050
SWRS044
Page 34 of 40
LOCK Register (0Dh)
REGISTER
NAME
Default
value
Active
Description
LOCK[7:4]
LOCK_SELECT[3:0]
0000
-
Selection of signals to CHP_OUT (LOCK) pin
0000 : Normal, pin can be used as CHP_OUT
0001 : LOCK_CONTINUOUS (active high)
0010 : LOCK_INSTANT (active high)
0011 : ALARM_H (active high)
0100 : ALARM_L (active high)
0101 : CAL_COMPLETE (active high)
0110 : Not used
0111 : REFERENCE_DIVIDER Output
1000 : TX_PDB (active high, activates external
PA when TX_PD=0)
1001 : Not used
1010 : Not used
1011 : Not used
1100 : Not used
1101 : Not used
1110 : N_DIVIDER Output
1111 : F_COMP
LOCK[3]
PLL_LOCK_
ACCURACY
0
-
0 : Sets Lock Threshold = 127, Reset Lock
Threshold = 111. Corresponds to a worst case
accuracy of 0.7%
1 : Sets Lock Threshold = 31, Reset Lock
Threshold =15. Corresponds to a worst case
accuracy of 2.8%
LOCK[2]
PLL_LOCK_
LENGTH
0
-
0 : Normal PLL lock window
1 : Not used
LOCK[1]
LOCK_INSTANT
-
-
Status bit from Lock Detector
LOCK[0]
LOCK_CONTINUOUS
-
-
Status bit from Lock Detector
CAL Register (0Eh)
REGISTER
NAME
Default
value
Active
Description
CAL[7]
CAL_START
0
↑ 1 : Calibration started
0 : Calibration inactive
CAL_START must be set to 0 after
calibration is done
CAL[6]
CAL_DUAL
0
H
1 : Store calibration in both A and B
0 : Store calibration in A or B defined by
MAIN[6]
CAL[5]
CAL_WAIT
0
H
1 : Normal Calibration Wait Time
0 : Half Calibration Wait Time
The calibration time is proportional to the
internal reference frequency. 2 MHz
reference frequency gives 14 ms wait time.
CAL[4]
CAL_CURRENT
0
H
1 : Calibration Current Doubled
0 : Normal Calibration Current
CAL[3]
CAL_COMPLETE
0
H
Status bit defining that calibration is
complete
CAL[2:0]
CAL_ITERATE
101
H
Iteration start value for calibration DAC
000 - 101: Not used
110 : Normal start value
111 : Not used


Similar Part No. - CC1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1050 TI-CC1050 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050 Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050-RTB1 TI1-CC1050-RTB1 Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results

Similar Description - CC1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050PWR TI-CC1050PWR Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050_15 Datasheet
658Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com