Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC816BS Datasheet(PDF) 6 Page - Analog Devices

Part # ADUC816BS
Description  MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC816BS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUC816BS Datasheet HTML 2Page - Analog Devices ADUC816BS Datasheet HTML 3Page - Analog Devices ADUC816BS Datasheet HTML 4Page - Analog Devices ADUC816BS Datasheet HTML 5Page - Analog Devices ADUC816BS Datasheet HTML 6Page - Analog Devices ADUC816BS Datasheet HTML 7Page - Analog Devices ADUC816BS Datasheet HTML 8Page - Analog Devices ADUC816BS Datasheet HTML 9Page - Analog Devices ADUC816BS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
REV. 0
–6–
ADuC816–SPECIFICATIONS1
Parameter
ADuC816BS
Unit
Test Conditions/Comments
LOGIC OUTPUTS (Not Including XTAL2)
2
VOH, Output High Voltage
2.4
V min
VDD = 5 V, ISOURCE = 80
µA
2.4
V min
VDD = 3 V, ISOURCE = 20
µA
VOL, Output Low Voltage
12
0.4
V max
ISINK = 8 mA, SCLOCK, SDATA/MOSI
0.4
V max
ISINK = 10 mA, P1.0 and P1.1
0.4
V
ISINK = 1.6 mA, All Other Outputs max
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
5
pF typ
POWER SUPPLY MONITOR (PSM)
AVDD Trip Point Selection Range
2.63
V min
Four Trip Points Selectable in This Range
4.63
V max
Programmed via TPA1–0 in PSMCON
AVDD Power Supply Trip Point Accuracy
±3.5
% max
DVDD Trip Point Selection Range
2.63
V min
Four Trip Points Selectable in This Range
4.63
V max
Programmed via TPD1–0 in PSMCON
DVDD Power Supply Trip Point Accuracy
±3.5
% max
WATCHDOG TIMER (WDT)
Timeout Period
0
ms min
Nine Timeout Periods in This Range
2000
ms max
Programmed via PRE3–0 in WDCON
MCU CORE CLOCK RATE
Clock Rate Generated via On-Chip PLL
MCU Clock Rate2
98.3
kHz min
Programmable via CD2–0 Bits in
PLLCON SFR
12.58
MHz max
START-UP TIME
At Power-On
300
ms typ
From Idle Mode
1
ms typ
From Power-Down Mode
Oscillator Running
OSC_PD Bit = 0 in PLLCON SFR
Wake Up with
INT0 Interrupt
1
ms typ
Wake Up with SPI/I
2C Interrupt
1
ms typ
Wake Up with TIC Interrupt
1
ms typ
Wake Up with External RESET
3.4
ms typ
Oscillator Powered Down
OSC_PD Bit = 1 in PLLCON SFR
Wake Up with External RESET
0.9
sec typ
After External RESET in Normal Mode
3.3
ms typ
After WDT Reset in Normal Mode
3.3
ms typ
Controlled via WDCON SFR
FLASH/EE MEMORY RELIABILITY CHARACTERISTICS13
Endurance
14
100,000
Cycles min
Data Retention
15
100
Years min
POWER REQUIREMENTS
DVDD and AVDD Can Be Set
Independently
Power Supply Voltage
AVDD, 3 V Nominal Operation
2.7
V min
3.6
V max
AVDD, 5 V Nominal Operation
4.75
V min
5.25
V max
DVDD, 3 V Nominal Operation
2.7
V min
3.6
V max
DVDD, 5 V Nominal Operation
4.75
V min
5.25
V max


Similar Part No. - ADUC816BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816 AD-ADUC816 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC816BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com