Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29JL064H60BFI000 Datasheet(PDF) 2 Page - SPANSION

Part # S29JL064H60BFI000
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL064H60BFI000 Datasheet(HTML) 2 Page - SPANSION

  S29JL064H60BFI000 Datasheet HTML 1Page - SPANSION S29JL064H60BFI000 Datasheet HTML 2Page - SPANSION S29JL064H60BFI000 Datasheet HTML 3Page - SPANSION S29JL064H60BFI000 Datasheet HTML 4Page - SPANSION S29JL064H60BFI000 Datasheet HTML 5Page - SPANSION S29JL064H60BFI000 Datasheet HTML 6Page - SPANSION S29JL064H60BFI000 Datasheet HTML 7Page - SPANSION S29JL064H60BFI000 Datasheet HTML 8Page - SPANSION S29JL064H60BFI000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2S29JL064H
S29JL064HA1 March 26, 2004
Pr el i m i n ary
General Description
The S29JL064H is a 64 megabit, 3.0 volt-only flash memory device, organized as
4,194,304 words of 16 bits each or 8,388,608 bytes of 8 bits each. Word mode
data appears on DQ15–DQ0; byte mode data appears on DQ7–DQ0. The device
is designed to be programmed in-system with the standard 3.0 volt VCC supply,
and can also be programmed in standard EPROM programmers.
The device is available with an access time of 55, 60, 70, or 90 ns and is offered
in 48-pin TSOP and 63-ball Fine Pitch BGA packages. Standard control pins—chip
enable (CE#), write enable (WE#), and output enable (OE#)—control normal
read and write operations, and avoid bus contention issues.
The device requires only a single 3.0 volt power supply for both read and write
functions. Internally generated and regulated voltages are provided for the pro-
gram and erase operations.
Simultaneous Read/Write Operations with Zero Latency
The Simultaneous Read/Write architecture provides simultaneous operation
by dividing the memory space into four banks, two 8 Mb banks with small and
large sectors, and two 24 Mb banks of large sectors. Sector addresses are fixed,
system software can be used to form user-defined bank groups.
During an Erase/Program operation, any of the three non-busy banks may be
read from. Note that only two banks can operate simultaneously. The device can
improve overall system performance by allowing a host system to program or
erase in one bank, then immediately and simultaneously read from the other
bank, with zero latency. This releases the system from waiting for the completion
of program or erase operations.
The S29JL064H can be organized as both a top and bottom boot sector
configuration.
S29JL064H Features
The SecSi™ (Secured Silicon) Sector is an extra 256 byte sector capable of
being permanently locked by FASL or customers. The SecSi Customer Indicator
Bit (DQ6) is permanently set to 1 if the part has been customer locked, perma-
nently set to 0 if the part has been factory locked, and is 0 if customer lockable.
This way, customer lockable parts can never be used to replace a factory locked
part.
Factory locked parts provide several options. The SecSi Sector may store a se-
cure, random 16 byte ESN (Electronic Serial Number), customer code
(programmed through Spansion programming services), or both. Customer Lock-
able parts may utilize the SecSi Sector as bonus space, reading and writing like
any other flash sector, or may permanently lock their own code there.
Bank
Megabits
Sector Sizes
Bank 1
8 Mb
Eight 8 Kbyte/4 Kword,
Fifteen 64 Kbyte/32 Kword
Bank 2
24 Mb
Forty-eight 64 Kbyte/32 Kword
Bank 3
24 Mb
Forty-eight 64 Kbyte/32 Kword
Bank 4
8 Mb
Eight 8 Kbyte/4 Kword,
Fifteen 64 Kbyte/32 Kword


Similar Part No. - S29JL064H60BFI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL064H60BFI000

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com