Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3751A-12S1F Datasheet(PDF) 1 Page - Picker Components

Part # PC3751A-12S1F
Description  Low Profile Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC3751A-12S1F Datasheet(HTML) 1 Page - Picker Components

  PC3751A-12S1F Datasheet HTML 1Page - Picker Components PC3751A-12S1F Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Minature PCB Power Relay
FEATURES
Up to16 Amp contact capacity
Up to a full one horsepower at 250 VAC
5 KV dielectric strength between coil and contacts
Low profile design, .62 in. tall
Meets UL 873 spacing
PC375
Version
General Purpose
Max Switching Power
12 A / 277 VAC
3
16 A / 277 VAC
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
7 ms. Max.
Release Time
Insulation Resistance
3 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2 mm, 10-50 Hz
Power Consumption
0.4 Watts
Ambient Temperature Range
-40 to 70 C, -40 to 130 C storage
Weight
13.5 grams approx.
4000 VA
440 VAC / 125 VDC
3000 VA
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC375 Rev B 12-4-02
2500 Vrms, 1 min. between contact poles
PAGE 1
ORDERING INFORMATION
Example: PC375
Model
S
Version
-1C
Coil Voltage
3
1: 1 Pole, 12 A; 3.5 mm
Contact Form 1A, 1B, 1C, 2A, 2B, or 2C
Class F (155 degrees C) insulation available
Enclosure S: Sealed; C: Dust Cover
-12
4
8 A / 277 VAC
2000 VA
File # E93379
1 and 2
Motor Load
1/2 HP / 250 VAC
Max Switching Voltage
2: 1 Pole, 12 A; 5 mm
3: 1 Pole, 16 A; 5 mm
4: 2 Pole, 8 A; 5 mm
Contact Material
Nil: AgCdO, T: AgSnO, N: AgNi 10
T
Insulation System: Nil: Class B, F: Class F
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 107
1 X 105
Operations
Operations
AgNi 10 (Silver nickle 10)
AgSnO (Silver Tin Oxide)
1 HP / 250 VAC
1/3 HP / 125 VAC 1/3 HP / 125 VAC
1/2 HP / 250 VAC
1/4 HP / 125 VAC
1 Form A to 2 form C contact forms available
F


Similar Part No. - PC3751A-12S1F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375-1A-12S1H-X PICKER-PC375-1A-12S1H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S1NIL-X PICKER-PC375-1A-12S1NIL-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S2H-X PICKER-PC375-1A-12S2H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S2NIL-X PICKER-PC375-1A-12S2NIL-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S3H-X PICKER-PC375-1A-12S3H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
More results

Similar Description - PC3751A-12S1F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378 Datasheet
170Kb / 2P
   Low Profile Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com