Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP139-33TW Datasheet(PDF) 8 Page - Anachip Corp

Part # AP139-33TW
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-33TW Datasheet(HTML) 8 Page - Anachip Corp

  AP139-33TW Datasheet HTML 1Page - Anachip Corp AP139-33TW Datasheet HTML 2Page - Anachip Corp AP139-33TW Datasheet HTML 3Page - Anachip Corp AP139-33TW Datasheet HTML 4Page - Anachip Corp AP139-33TW Datasheet HTML 5Page - Anachip Corp AP139-33TW Datasheet HTML 6Page - Anachip Corp AP139-33TW Datasheet HTML 7Page - Anachip Corp AP139-33TW Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
8/8
Package Information (Continued)
(2) Package Type: TSOT23-5L
e
e1
b
D
y
2
4x 1
R
C
L2
θ
θ
θ
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.75
-
0.90
0.030
-
0.035
A1
0.00
-
0.10
0.000
-
0.004
A2
0.70
0.75
0.80
0.028
0.030
0.031
b
0.35
-
0.51
0.014
-
0.020
C
0.10
-
0.25
0.004
-
0.010
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95 BSC.
0.037
e1
1.90 BSC.
0.075
L
0.37
-
-
0.015
-
-
L1
0.60 REF.
0.024
L2
0.25 BSC.
0.010
y
-
-
0.10
-
-
0.004
R
0.10
-
-
0.004
-
-
θ
0
o
-
8
o
0
o
-
8
o
θ1
7
o NOM.
7
o NOM.
θ2
5
o NOM.
5
o NOM.


Similar Part No. - AP139-33TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-33WG-7 DIODES-AP139-33WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-33WL-7 DIODES-AP139-33WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-33TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com