Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11A12BG1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A11A12BG1
Description  DIP PLUG PICH 2.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A11A12BG1 Datasheet(HTML) 1 Page - DB Lectro Inc

  A11A12BG1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A11a
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - A11A12BG1

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
A11AB-GA NKK-A11AB-GA Datasheet
245Kb / 7P
   General Specifications
A11AB-JA NKK-A11AB-JA Datasheet
245Kb / 7P
   General Specifications
logo
List of Unclassifed Man...
A11AB1 ETC2-A11AB1 Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11AB1-GA NKK-A11AB1-GA Datasheet
245Kb / 7P
   General Specifications
More results

Similar Description - A11A12BG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
SUYIN USA, INC.
200372FS SUYIN-USA-200372FS Datasheet
162Kb / 1P
   2.0mm BATTERY FEMALE DIP TYPE
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
   2.0mm Contact Spacing, Board to Wire Dip Connectors
logo
SUYIN USA, INC.
200139FR SUYIN-USA-200139FR Datasheet
114Kb / 1P
   2.0mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
FTR-XX-T ADAM-TECH-FTR-XX-T Datasheet
190Kb / 1P
   IDC DIP PLUG
logo
SUYIN USA, INC.
200175MI SUYIN-USA-200175MI Datasheet
213Kb / 1P
   2.0mm DUAL ROW TRANSITION PLUG I.D.C.TYPE
200225MB SUYIN-USA-200225MB Datasheet
179Kb / 1P
   2.0mm PLUG RIGHT ANGLE SMD TYPE
logo
Adam Technologies, Inc.
2FTR-XX-T ADAM-TECH-2FTR-XX-T Datasheet
559Kb / 1P
   2.0MM IDC TRASITION PLUG TIN PLATED
FTR-XX-T-30-GY ADAM-TECH-FTR-XX-T-30-GY Datasheet
77Kb / 1P
   IDC DIP PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com