Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFR305 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # UFR305
Description  3 AMP ULTRAFAST RECOVERY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UFR305 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  UFR305 Datasheet HTML 1Page - DIOTEC Electronics Corporation UFR305 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-301-1B
MECHANICAL SPECIFICATION
3 AMP ULTRAFAST RECOVERY DIODES
C9
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
DO - 27
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
SERIES UFR300 - UFR310
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
LOW SWITCHING NOISE
LOW THERMAL RESISTANCE
HIGH SWITCHING CAPABILITY
LOW FORWARD VOLTAGE DROP
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS
CO
MPLIANT


Similar Part No. - UFR305

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UFR305 TAYCHIPST-UFR305 Datasheet
2Mb / 2P
   ULTRAFAST RECOVERY DIODES
More results

Similar Description - UFR305

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SESA-301-1B DEC-SESA-301-1B Datasheet
167Kb / 2P
   3 AMP ULTRAFAST RECOVERY DIODES
UFR3001C DEC-UFR3001C Datasheet
438Kb / 2P
   30 AMP ULTRAFAST RECOVERY DIODES
UFR600 DEC-UFR600 Datasheet
412Kb / 2P
   6 AMP ULTRAFAST RECOVERY DIODES
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
   1 AMP ULTRAFAST RECOVERY DIODES
logo
Kyocera Kinseki Corpota...
SESA-401-1C KSS-SESA-401-1C Datasheet
141Kb / 2P
   4 AMP ULTRAFAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
SESA-600-1C DEC-SESA-600-1C Datasheet
415Kb / 2P
   6 AMP ULTRAFAST RECOVERY DIODES
UFR400 DEC-UFR400 Datasheet
141Kb / 2P
   4 AMP ULTRAFAST RECOVERY DIODES
SEDR-3000-1B DEC-SEDR-3000-1B Datasheet
441Kb / 2P
   30 AMP ULTRAFAST RECOVERY DIODES
SESA-101-1B DEC-SESA-101-1B Datasheet
413Kb / 1P
   1 AMP ULTRAFAST RECOVERY DIODES
SESA-200-1B DEC-SESA-200-1B Datasheet
406Kb / 2P
   2 AMP SUPER-EFFICIENT RECTIFIERS/ULTRAFAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com