Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WJ107 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. WJ107
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

WJ107 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISSU:2000.7.12
WJ 107
WJ107-RELAYS
Ultra-miniature size with universal footprint
High contact capacity: 12A
Sealed type available
Low coil power consumption
UL/C-UL recognized
TUV recognized
SPECIFICATIONS
Contact
Characterstics
Arrangement
Operate Time
Contact Material
Release Time
Contact Resistance
Operating humidity
(By voltage 6V 1A)
Initial breakdown voltage
Rating
Between coil & contact
Nominal switching capacity
Between open contacts
Resistive load
Insulation Resistance
(cos
•=1)
Ambient temperature
Temperature rise(Max)
Rating
Shock
Functional
Resistive load
Resistance
Destruction
(cos
•=1)
Vibration
Functional
Resistance
Destruction
Unit weight
Inductive load
(cos
•=0.75•0.8)
Max. Switching voltage
TYPICAL APPLICATION
Max. Switching current
Max. Switching power
1.Home appliances:conditioner,hearter,etc.
Expected life(min.ope)
2.Auomotive:Power-windows,car antenna,door lock,etc.
Mechanical (at 180 cpm)
3.Office machines:PPC,facsimile,etc.
Electrical (at 20 cpm)
4.Vending machines.
Coil
Nominal operating power
ORDERING INFORMATION
WANJIA
10 TO 55 Hz at double Amplitude of 1.5mm
C: 1 form C
Coil
voltage (DC)
3, 5, 6, 9,
12, 24, 48V
WJ107
Number of pole
1:1pole
Contact form
A: 1 form A
B: 1 form B
1×10
7
1×10
5
3A
125VAC
3A
28VDC
12A
1250VA
280W
250VAC 125VDC
10A
125VAC
10A
28VDC
7A
250VAC
Type
0.36W
10A
125VAC
10A
28VDC
7A
250VAC
12A
125VAC
ULTRA-MINIATURE
PC BOARD TYPE
POWER RELAY
Approx.9g
Min. 10G
Min.100G
35deg
-40
••+85•
Min.100M
• (500 VDC)
10 TO 55 Hz at double Amplitude of 1.5mm
750VAC (50/60Hz)for 1 min.
1500VAC (50/60Hz)for 1 min.
45 to 85% RH
12A
125VAC
Max.100m
Relays for advanced technology
Max.8msec.
1A, 1B 1C
Silver alloy
Max.5msec.
1
C
WJ107
12VDC


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JS1-12ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
PCD-PCDF15 Amp Low Profile Power PC Board Relay 1 2 Tyco Electronics
2SC3247FOR RELAY DRIVE POWER SUPPLY APPLICAITON SILICON NPN EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
JSMAutomotive Ultra-Miniature Power Relay 1 2 3 4 Nais(Matsushita Electric Works)
2SA1287FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON PNP EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
2SA1944FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON PNP EPITAXIAL TYPE 1 2 3 4 List of Unclassifed Manufacturers
FTR-H3SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES 1 2 3 4 5 MoreFujitsu Component Limited.
JK1APF-12VSLIM TYPE POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
SRUUH15 Amp Miniature Power PC Board Relay 1 2 Tyco Electronics
2SC5209FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON NPN EPITAXIAL TYPE 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn