Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WJ107 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. WJ107
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

WJ107 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WJ 107
ISSU: 2000.07.12
COIL DATA (at 20
•)
Nominal
Pick-up
Drop-out
Coil
Nominal operating
Max.Allowable
Voltage
Voltage
Voltage
Resistance
Power
Voltage
(VDC)
VDC(Max)
VDC(Min)
(
•)±10%
(W)
3
2,25
0,15
25
5
3,75
0,25
69
6
4.50
0.30
100
130% of
9
6.75
0.45
225
nominal Voltage
12
9.00
0.60
400
24
18.00
1.20
1600
48
36.00
2.40
6400
DIMENSIONS
Unit: mm
D
REFERENCE DATA
Note: The relative changes for the specification will not be advised in the future.
0.36
10
20
30
40
50
60
0.2 0.3 0.4 0.5 0.6 0. 7 0.8
Co il t emp. ri se
O perate t ime
Release time
2
8
10
12
4
6
0.2 0.3 0.4 0.5 0.6 0. 7 0.8
Opera te
tim e/Releas e
time
Coil power(W)
2
4
6
8
10
12
1
10
100
A C
1 20V
COS¦Õ
= 1
Life E xpe ct an cy
Cur re nt of l o a d (A )


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JS1-12ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
PCD-PCDF15 Amp Low Profile Power PC Board Relay 1 2 Tyco Electronics
2SC3247FOR RELAY DRIVE POWER SUPPLY APPLICAITON SILICON NPN EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
JSMAutomotive Ultra-Miniature Power Relay 1 2 3 4 Nais(Matsushita Electric Works)
2SA1287FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON PNP EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
2SA1944FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON PNP EPITAXIAL TYPE 1 2 3 4 List of Unclassifed Manufacturers
FTR-H3SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES 1 2 3 4 5 MoreFujitsu Component Limited.
JK1APF-12VSLIM TYPE POWER RELAY 1 2 3 Nais(Matsushita Electric Works)
SRUUH15 Amp Miniature Power PC Board Relay 1 2 Tyco Electronics
2SC5209FOR RELAY DRIVE POWER SUPPLY APPLICATION SILICON NPN EPITAXIAL TYPE 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn