Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTRH1A-12FT3 Datasheet(PDF) 1 Page - Picker Components

Part # PTRH1A-12FT3
Description  30 AMP Panel Mount or PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRH1A-12FT3 Datasheet(HTML) 1 Page - Picker Components

  PTRH1A-12FT3 Datasheet HTML 1Page - Picker Components PTRH1A-12FT3 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 AMP Panel Mount or PCB Power Relay
FEATURES
Panel or PC mount with QC terminals for the load
Up to 30 amp switching capacity
Gold flashed contacts available
Up to 2 horsepower rating
UL Class B insulation standard
UL Class F insulation available
PTRH-T
UL 873 spacing standard
Load Type
General Purpose
Resistive ( 100,000 cycles)
Motor ( 30,000 cycles )
LRA/FLA
Voltage
120 VAC
250 VAC
30 VDC
250 VAC
120 VAC
250 VAC
120 VAC
1 Form A
30 A
30 A
30 A
2 HP
1 HP
80 A/30 A
96 A/30 A
1 Form B
20 A
20 A
20 A
1 Form C (SPDT)
NO
NC
30 A
30 A
30 A
2 HP
1 HP
96 A/30 A
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide), AgCdO+Au (Silver Cadmium Oxide with Gold flash)
50 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
15 ms. typical
Release Time
Insulation Resistance
10 ms. typical
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
0.9W, approx.
Ambient Temperature Range
-55 degrees C to 85 degrees C operating for class B, -40 to 130 degrees C storage
Weight
30 grams approx.
120 VAC
250 VAC
30 A
30 A
80 A/30 A
30 A
30 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
File # E93379
Certificate # LR 109231
Epoxy sealed, immersion cleanable
(SPST-NO)
(SPST-NC)
(locked rotor amps/full load amps)
PTRH-T Rev D 3-25-04
20 A
20 A
20 A
20 A
20 A
20 A
20 A
PAGE 1


Similar Part No. - PTRH1A-12FT3

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH1A12 PICKER-PTRH1A12 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1A12-1 PICKER-PTRH1A12-1 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1A12-X PICKER-PTRH1A12-X Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1A12C PICKER-PTRH1A12C Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH1A12C-1 PICKER-PTRH1A12C-1 Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
More results

Similar Description - PTRH1A-12FT3

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
logo
List of Unclassifed Man...
T9AS1D12-12 ETC-T9AS1D12-12 Datasheet
100Kb / 3P
   Low Cost 30 Amp PC Board or Panel Mount Relay
logo
Picker Components
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
   30 Amp Power PCB Relay
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
   30 AMP Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
   30 Amp Power PCB Relay
PTRH PICKER-PTRH Datasheet
156Kb / 2P
   30 AMP Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
   30 Amp Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com