Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP104 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # RP104
Description  1 AMP FAST RECOVERY SILICON DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RP104 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RP104 Datasheet HTML 1Page - DIOTEC Electronics Corporation RP104 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
FEATURES
Data Sheet No. FSDP-103-1B
MECHANICAL SPECIFICATION
1 AMP FAST RECOVERY SILICON DIODES
Average Forward Rectified Current @ T = 75 C
(Lead length = 0.375 in. (9.5 mm))
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current ( 8.3 mSec single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
Typical Thermal Resistance, Junction to Ambient (Note 1)
Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
T
R
T T
I
V
V
V
SYMBOL
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
A
V
I
Typical Junction Capacitance (Note 2)
C
pF
@ T = 25 C
@ T = 100 C
Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 Ounces (0.34 Grams)
H25
MECHANICAL DATA
ACTUAL SIZE OF
DO-41 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
SERIES RP100 - RP110
nS
DO - 41
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Low cost
Low leakage
Low forward voltage drop
High current capacity
Fast switching for high efficiency
RoHS COMPLIANT


Similar Part No. - RP104

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP104K RICOH-RP104K Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K121B RICOH-RP104K121B Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
RP104K121B RICOH-RP104K121B Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
RP104K121C RICOH-RP104K121C Datasheet
523Kb / 32P
   150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
RP104K121C RICOH-RP104K121C Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
More results

Similar Description - RP104

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
FSDP-103-1B DEC-FSDP-103-1B Datasheet
333Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 3.0 AMP DIODES
MR7A5 EDAL-MR7A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
RP600 DEC-RP600 Datasheet
422Kb / 2P
   6 AMP FAST RECOVERY SILICON DIODES
FSPD-200-1B DEC-FSPD-200-1B Datasheet
410Kb / 2P
   2 AMP FAST RECOVERY SILICON DIODES
FSDP-601-1C DEC-FSDP-601-1C Datasheet
425Kb / 2P
   6 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
BR5A5 EDAL-BR5A5 Datasheet
1Mb / 2P
   SILICON FAST RECOVERY 1.0 AMP DIODES
logo
DIOTEC Electronics Corp...
FSDP-301-1B DEC-FSDP-301-1B Datasheet
407Kb / 2P
   3 AMP FAST RECOVERY SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com