Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT673-M2N2-1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LBT673-M2N2-1
Description  HYPER TOPLED, HYPER BRIGHT LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBT673-M2N2-1 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LBT673-M2N2-1 Datasheet HTML 2Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 3Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 4Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 5Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 6Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 7Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 8Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 9Page - OSRAM GmbH LBT673-M2N2-1 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2001-06-266
LB T673, LV T673, LT T673
Relative spektrale Emission
I
rel = f ( ), TA = 25 °C, IF = 20 mA
Relative Spectral Emission
V( ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (
)
Radiation Characteristic
0
400
true green
550
450
500
600
650
nm
700
OHL00492
I
20
40
60
80
%
100
rel
verde
blue
V
0
0.2
0.4
1.0
0.8
0.6
1.0
0.8
0.6
0.4
0
˚
10
˚
20
˚
40
˚
30
˚
OHL01660
50
˚
60
˚
70
˚
80
˚
90
˚
100
˚
0
˚
20
˚
40
˚
60
˚
80
˚
100
˚
120
˚


Similar Part No. - LBT673-M2N2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT673-L2P2-25-1 OSRAM-LBT673-L2P2-25-1 Datasheet
636Kb / 22P
   Optical Indicator
More results

Similar Description - LBT673-M2N2-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com