Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS460DL Datasheet(PDF) 2 Page - Picker Components

Part # PCS460DL
Description  Double SCR Solid State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS460DL Datasheet(HTML) 2 Page - Picker Components

  PCS460DL Datasheet HTML 1Page - Picker Components PCS460DL Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings at 25 Degrees C
Parameter
Symbol
Rating
Unit
Input signal voltage
Drop out voltage
RMS on state current
Peak one cycle surge current
Repetitive peak off state voltage
Operating frequency
Critical rate of rise on state current
Load supply voltage
Isolation voltage input to output
Operating temperature
Storage temperature
Soldering temperature 10 seconds
IN
V
V
I
I
V
f
di/dt
V
V
T
T
T
do
T
surge
out
iso
opr
stg
sol
DRM
3-32
1
40, 50, 60, 70 and 80
10x
600 *See note 2
47 - 70
50
48 to 530
4000
-30 - 80
-30 - 100
260
C
o
C
o
C
o
Vrms
Vrms AC
Hz
V
A
A rms
VDC
VDC
A/
S
Electrical Characteristics at 25 Degrees C
Parameter
Symbol
Conditions
Unit
Pick up voltage
Input current
On state voltage
Operating current
Leakage current
Critical rate of rise of off state voltage
Zero cross voltage
Load voltage rating
Minimum trigger current
Isolation resistance input to circuit
RandomTurn on time DC Input
Turn on time Zero Cross DC input
pu
I
V
V
I
I
dv/dt
V
V
I
R
T
T
in
T
op
out
FT
iso
on
on
leak
25 mA MAX
48 TO 530VAC
50 mArms MIN
1.7V rms MAX
5 TO 25 mA
3 VDC MAX
ox
It=1Arms
Vin=4 - 32V
It=1Arms
Vout=240 Vrms
Vout=240 Vrms
5 mArms
See Note 1
500V/
S
35 VAC MAX
10
10 OHMS MIN
1 ms
1/2 cycle + 1ms
I in =7mA
I
T =50mArms MIN
VDRM =600V
DC 500V
48 to 70Hz AC
48 to 70Hz AC
I T
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
PCS
PCS
90-280
VAC
10
VAC
90 VAC MAX
Turn on time Zero Cross AC input
T on
48 to 70Hz AC
20 ms
Max Turn off time DC input
Max Turn off time AC input
T off
T off
48 to 70Hz AC
48 to 70Hz AC
1/2 cycle + 1ms
40 ms
Ordering Example:
PCS
Model
50
40: 40A, 50: 50A, 60: 60A, 70: 70A, 80: 80A
L
Load Current
Zero Cross Function
-1
Input Type
A
Output Voltage Rating
2: 240 (48 to 280 VAC)
3: 380 (48 to 400 VAC)
4: 480 (48 to 539 VAC)
2
D: 3 to 32 VDC, A1: 90 to 130 VAC, A2: 180 to 260
Indication
NIL: None, L: LED
Nil: Zero Cross Turn On, -1: Random Turn On


Similar Part No. - PCS460DL

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
   2 Amp Solid State Relay
PCS41 PICKER-PCS41 Datasheet
1Mb / 3P
   AC Output Solid State Relay/Output Module
logo
Allied Components Inter...
PCS4D18 ALLIED-PCS4D18 Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCS4D18-100N-RC ALLIED-PCS4D18-100N-RC Datasheet
389Kb / 1P
   Power Chip Shielded Inductors
PCS4D18-100N-RC ALLIED-PCS4D18-100N-RC Datasheet
383Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS460DL

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
   Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
   Double Solid State Relay
SCB945300 CELDUC-SCB945300 Datasheet
251Kb / 3P
   Double Solid State Relay
SCB345100 CELDUC-SCB345100 Datasheet
105Kb / 2P
   Double Solid State Relay
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
   Double Solid State Relay
SCB942300 CELDUC-SCB942300 Datasheet
457Kb / 3P
   Double Solid State Relay
SOB542460 CELDUC-SOB542460 Datasheet
437Kb / 2P
   Double Solid State Relay
SCB965600 CELDUC-SCB965600 Datasheet
124Kb / 3P
   Double Solid State Relay
SCB665300 CELDUC-SCB665300 Datasheet
107Kb / 2P
   Double Solid State Relay
SCB962600 CELDUC-SCB962600 Datasheet
127Kb / 3P
   Double Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com