Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR2504D Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # BAR2504D
Description  25 AMP SOZA DIODE CELLS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BAR2504D Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  BAR2504D Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
R
Data Sheet No. BUDI-2500D-1A
DIOTEC ELECTRONICS CORP.
25 AMP SOZA DIODE CELLS
K3
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Die Size:
0.157 Flat to Flat
Hex
RoHS
CO
MPLIANT
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS


Similar Part No. - BAR2504D

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BAR223-10 EDAL-BAR223-10 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
BAR223-15 EDAL-BAR223-15 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
BAR223-30 EDAL-BAR223-30 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
BAR223-35 EDAL-BAR223-35 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
BAR223-40 EDAL-BAR223-40 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
More results

Similar Description - BAR2504D

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BUDI-2500D-1A DEC-BUDI-2500D-1A Datasheet
64Kb / 1P
   25 AMP SOZA DIODE CELLS
BUDI-3500D-1A DEC-BUDI-3500D-1A Datasheet
66Kb / 1P
   35 AMP SOZA DIODE CELLS
BAR3501D DEC-BAR3501D Datasheet
246Kb / 1P
   35 AMP SOZA DIODE CELLS
logo
Shanghai Shunye Electro...
SC2524 SHUNYE-SC2524 Datasheet
260Kb / 2P
   25 AMP SOZA CELL
SC25A SHUNYE-SC25A Datasheet
222Kb / 2P
   25 AMP SOZA CELL
logo
DIOTEC Electronics Corp...
BAR1201D DEC-BAR1201D Datasheet
233Kb / 1P
   12 AMP PR4 DIODE CELLS
BUDI-1200D-1A DEC-BUDI-1200D-1A Datasheet
64Kb / 1P
   12 AMP PR4 DIODE CELLS
logo
First Components Intern...
SCFR2501 FCI-SCFR2501 Datasheet
2Mb / 2P
   25.0 Amp SOZA CELL AUTO DIODE
logo
Shanghai Shunye Electro...
SC35A SHUNYE-SC35A Datasheet
241Kb / 2P
   35 AMP SOZA CELL
SC50A SHUNYE-SC50A Datasheet
240Kb / 2P
   50 AMP SOZA CELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com