Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW15NK90Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW15NK90Z
Description  N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW15NK90Z Datasheet(HTML) 9 Page - STMicroelectronics

  STW15NK90Z Datasheet HTML 1Page - STMicroelectronics STW15NK90Z Datasheet HTML 2Page - STMicroelectronics STW15NK90Z Datasheet HTML 3Page - STMicroelectronics STW15NK90Z Datasheet HTML 4Page - STMicroelectronics STW15NK90Z Datasheet HTML 5Page - STMicroelectronics STW15NK90Z Datasheet HTML 6Page - STMicroelectronics STW15NK90Z Datasheet HTML 7Page - STMicroelectronics STW15NK90Z Datasheet HTML 8Page - STMicroelectronics STW15NK90Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9/9
STW15NK90Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - STW15NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15NK50Z STMICROELECTRONICS-STW15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW15NK50Z STMICROELECTRONICS-STW15NK50Z Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STW15NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
   N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
   N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
STW52NK25Z STMICROELECTRONICS-STW52NK25Z Datasheet
232Kb / 10P
   N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
   N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com