Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW15NK90Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW15NK90Z
Description  N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW15NK90Z Datasheet(HTML) 7 Page - STMicroelectronics

  STW15NK90Z Datasheet HTML 1Page - STMicroelectronics STW15NK90Z Datasheet HTML 2Page - STMicroelectronics STW15NK90Z Datasheet HTML 3Page - STMicroelectronics STW15NK90Z Datasheet HTML 4Page - STMicroelectronics STW15NK90Z Datasheet HTML 5Page - STMicroelectronics STW15NK90Z Datasheet HTML 6Page - STMicroelectronics STW15NK90Z Datasheet HTML 7Page - STMicroelectronics STW15NK90Z Datasheet HTML 8Page - STMicroelectronics STW15NK90Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STW15NK90Z
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Similar Part No. - STW15NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15NK50Z STMICROELECTRONICS-STW15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW15NK50Z STMICROELECTRONICS-STW15NK50Z Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
More results

Similar Description - STW15NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
   N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
   N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
STW52NK25Z STMICROELECTRONICS-STW52NK25Z Datasheet
232Kb / 10P
   N-CHANNEL 250V - 0.033??- 52A TO-247 Zener-Protected SuperMESH??MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
   N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com