Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A120M00 Datasheet(PDF) 1 Page - Picker Components

Part # S1A120M00
Description  Single Inline Pack Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

S1A120M00 Datasheet(HTML) 1 Page - Picker Components

  S1A120M00 Datasheet HTML 1Page - Picker Components S1A120M00 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Inline Pack Reed Relay
FEATURES
Solid Epoxy Body
Industry standard SIP spacing
Completely sealed, Immersion cleanable
Automatic insertion compatible
Magnetic shield available
Diode accross the coil available
S SERIES
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
S SERIES Rev A 6-5-02
PAGE 1
UL recognized and certified for Canada
File # E86876
Contact Resistance
100 Milliohms Max. Initial
Operate Time
0.5 mSec. Max.
Bounce Time
0.5 mSec. Max.
Release Time
0.2 mSec. Max.
Insulation Resistance
10
11 Ohms. Min
Power
10 VA Max.
Switching Voltage
200 VDC Max.
Switching Current
0.5 Amps. Max.
Carry Current
1.0 Amps. Max.
Life Expectancy
10 8 (Signal level)
Minimum Breakdown Voltage
250 VDC across open contact
500 VDC between coil and contacts
Operating Temperature
- 40 TO +85 Degrees C
Storage Temperature
-50 TO +125 Degrees C
Minimum Permissable Load
100m VDC / 10 Microamps
Vibration
20 G (10 TO 2,000 HZ)
Shock
30 G (11ms 1/2 sine wave)
Resonant Frequency
3.5 K HZ
Characteristics
Contact Form 1A
Contact Material
Rhodium


Similar Part No. - S1A120M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1A12000 ETC-S1A12000 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
COSMO Electronics Corp...
S1A120000 COSMO-S1A120000 Datasheet
140Kb / 1P
   REED RELAY
S1A120098 COSMO-S1A120098 Datasheet
141Kb / 1P
   Reed Relay
S1A120099 COSMO-S1A120099 Datasheet
135Kb / 1P
   Reed Relay
logo
List of Unclassifed Man...
S1A120D0 ETC-S1A120D0 Datasheet
58Kb / 2P
   SIP REED RELAY
More results

Similar Description - S1A120M00

ManufacturerPart #DatasheetDescription
logo
Picker Components
D1A050000 PICKER-D1A050000 Datasheet
162Kb / 2P
   Dual Inline Pack Reed Relay
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
   REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
   REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
   REED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com