Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C256AL-12T Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C256AL-12T
Description  32K X 8 HIGH-SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AL-12T Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C256AL-12T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C256AL-12T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. B
10/23/06
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
IS61C256AL
FEATURES
• High-speed access time: 10, 12 ns
• CMOS Low Power Operation
— 1 mW (typical) CMOS standby
— 125 mW (typical) operating
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 5V power supply
• Lead-free available
DESCRIPTION
The
ISSI IS61C256AL is a very high-speed, low power,
32,768 word by 8-bit static RAMs. It is fabricated using
ISSI's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design
techniques, yields access times as fast as 10 ns maximum.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 150 µW (typical) with CMOS input levels.
Easy memory expansion is provided by using an active
LOW Chip Enable (
CE) input and an active LOW Output
Enable (
OE) input. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS61C256AL is pin compatible with other 32Kx8 SRAMs
and are available in 28-pin SOJ and TSOP (Type I)
packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A14
CE
OE
WE
32K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
32K x 8 HIGH-SPEED CMOS STATIC RAM
OCTOBER 2006


Similar Part No. - IS61C256AL-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL-12T ISSI-IS61C256AL-12T Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-12TI ISSI-IS61C256AL-12TI Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-12TL ISSI-IS61C256AL-12TL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-12TLI ISSI-IS61C256AL-12TLI Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AL-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com