Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C256AL-12JL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61C256AL-12JL
Description  32K X 8 HIGH-SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AL-12JL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61C256AL-12JL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C256AL-12JL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
10/23/06
IS61C256AL
ISSI®
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VDD
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION
28-Pin SOJ
PIN CONFIGURATION
28-Pin TSOP
PIN DESCRIPTIONS
A0-A14
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Bidirectional Ports
VDD
Power
GND
Ground
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
VDD Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled H
L
H
High-Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC


Similar Part No. - IS61C256AL-12JL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL-12JL ISSI-IS61C256AL-12JL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-12JLI ISSI-IS61C256AL-12JLI Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AL-12JL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com