Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4117-22WZ12VDC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 4117-22WZ12VDC
Description  4117-2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4117-22WZ12VDC Datasheet(HTML) 1 Page - DB Lectro Inc

  4117-22WZ12VDC Datasheet HTML 1Page - DB Lectro Inc 4117-22WZ12VDC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Twin structure of 4117 type.
Small size, light weight.
Low coil power consumption.
PC board mounting.
Ordering Information
4117-2
2C
S
12VDC
1
2
3
4
1 Part number:4117-2
2 Contact arrangement:2A:2A;2C:2C;
2U:2U;2W:2W
3 Enclosure:S: Sealed type;Z: Dust cover
4 Coil rated Voltage(V):DC:3,5,6,9,12,18,24
Contact Data
Contact Arrangement
2A
DPSTNO
f2C DPDT(B-M) f2U DPSTNODM f2W DPDTNC-NO
Contact Material
AgNi
Ag SnO
2
AgCdO
Contact Rating (resistive)
2A
f2C: 10A/120VAC,28VDC ; 2Uf2W: 2×10A/120VAC, 28VDC
Max. Switching Power
280W
1200VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-1000
3
3.9
9
y2
2.25
0.3
005-1000
5
6.5
25
y2
3.75
0.5
006-1000
6
7.8
36
y2
4.50
0.6
009-1000
9
11.7
85
y2
6.75
0.9
012-1000
12
15.6
145
y2
9.00
1.2
018-1000
18
23.4
324
y2
13.5
1.8
024-1000
24
31.2
576
y2
18.0
2.4
2
y1.0
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
117
4117-2
Patent No.
95319882.0
29.6
×18×20
www.dblectro.com


Similar Part No. - 4117-22WZ12VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117-22WZ12VDC DBLECTRO-4117-22WZ12VDC Datasheet
753Kb / 3P
   Twin structure of 4117 type
More results

Similar Description - 4117-22WZ12VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117 DBLECTRO-4117 Datasheet
450Kb / 2P
   4117
4417-2 DBLECTRO-4417-2 Datasheet
753Kb / 3P
   Twin structure of 4117 type
logo
Schneider Electric
LJB202 SCHNEIDER-LJB202 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2" Nipple
LJB22 SCHNEIDER-LJB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2020-2239 WAGO-2020-2239 Datasheet
647Kb / 12P
   2-conductor/2-pin double-deck carrier terminal; 2-conductor/2-pin
29.12.2021
logo
TRACO Electronic AG
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
   TEC 2 Series, 2 Watt
Rev. November 30, 2022
logo
Huber+Suhner, Inc.
26_SMP-50-2-2111_N HUBERSUHNER-26_SMP-50-2-2111_N Datasheet
151Kb / 2P
   26_SMP-50-2-2/111_N
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
   TDR 2 Series, 2 Watt
Rev. November 30, 2022
logo
Schneider Electric
LDB22 SCHNEIDER-LDB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2022-2239 WAGO-2022-2239 Datasheet
660Kb / 14P
   2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com