Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6311-7212-AU Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 6311-7212-AU
Description  635nm 10mW Laser Diodes AUTO PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

6311-7212-AU Datasheet(HTML) 1 Page - DB Lectro Inc

  6311-7212-AU Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6311-7212-AU
Specifications
Device
Laser Diode
Package Type
TO-18(φ5.6mm)
Symbols
Ratings
Units
Po
12
mW
Laser
Vr
2
V
PIN PD
Vr(PIN)
30
V
Top
-10∼+40
Tstg
-15∼+85
■Electrical and optical Characteristics(Tc=25℃)
Symbols
Conditions
Min.
Typ.
Max.
Units
Threshold Current
Ith
-
-25
35
mA
Operating Current
Iop
Po=10mW
-45
55
mA
Operating Voltage
Vop
Po=10mW
-
2.3
2.7
Volts
Slope Efficiency
5mW
I(10mW)-I(5mW)
Monitor Current
Im
Po=10mW
-
0.4
1.0
mA
Beam Divergence
Parallel
θ//
Po=10mW
-8
-
deg.
(FWHM)
Prependicular
θ⊥
Po=10mW
-30
-
deg.
Parallel Deviation Angle
Δθ//
Po=10mW
-3
-
3
deg.
Perpendicular Deviation Angle
Δθ⊥
Po=10mW
-3
-
3
deg.
ΔX
Po=10mW
-80
-
80
µm
ΔY
Po=10mW
-80
-
80
µm
ΔZ
Po=10mW
-80
-
80
µm
Lasing Wavelength
λ
Po=10mW
630
635
640
nm
Im is sorting by custom's need
◎θ// and θ⊥ are defined as the angle within which the intensity is 50% of the peak value.
■Absolute Maximum Ratings(Tc=25℃)
Characteristics
Optical Output
635nm 10mW Laser Diodes AUTO PACKAGE
Emission Point Accuracy
Characteristics
Reverse Voltage
mW/mA
Operating Temperature
Storage Temperature
0.4
1.0
η
0.3
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - 6311-7212-AU

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6311 CRYDOM-6311 Datasheet
162Kb / 2P
   DC Output Buffered Modules
logo
List of Unclassifed Man...
63110-45 ETC2-63110-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63110-47 ETC2-63110-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63110-49 ETC2-63110-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
63110-50 ETC2-63110-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6311-7212-AU

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
6511-7261-AU DBLECTRO-6511-7261-AU Datasheet
78Kb / 1P
   650nm 10mW Laser Diodes AUTO PACKAGE
6350-1271-AU DBLECTRO-6350-1271-AU Datasheet
99Kb / 2P
   635nm 5 mW Laser Diodes AUTO PACKAGE
6521-2112-AU DBLECTRO-6521-2112-AU Datasheet
70Kb / 1P
   660nm 20mW Laser Diodes AUTO PACKAGE
6750-7241-AU DBLECTRO-6750-7241-AU Datasheet
78Kb / 1P
   670nm 5 mW Laser Diodes AUTO PACKAGE
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
   808nm 1000mW IR Laser Diodes AUTO PACKAGE
6550-5151-DV DBLECTRO-6550-5151-DV Datasheet
67Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE
8052-1313-AU DBLECTRO-8052-1313-AU Datasheet
67Kb / 1P
   808nm 500mW IR Laser Diodes AUTO PACKAGE
8022-1363-AU DBLECTRO-8022-1363-AU Datasheet
67Kb / 1P
   808nm 200mW IR Laser Diodes AUTO PACKAGE
6551-7212-AU DBLECTRO-6551-7212-AU Datasheet
70Kb / 1P
   660nm 50 mW Laser Diodes AUTO PACKAGE
6550-7241-AU-50 DBLECTRO-6550-7241-AU-50 Datasheet
78Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE(REGROWTH)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com