Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3076DI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S3076DI
Description  MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3076DI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S3076DI Datasheet HTML 1Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 2Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 3Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 4Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 5Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 6Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 7Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 8Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
S3076
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
October 23, 2000 / Revision A
FIBRE CHANNEL
JITTER CHARACTERISTICS
Performance
The S3076 PLL complies with the jitter specifications
proposed for Fibre Channel equipment defined by the
fibre channel methodology for Jitter specification.
Input Jitter Tolerance
Input jitter tolerance is defined as the peak to
peak amplitude of sinusoidal jitter applied on the
input signal that causes an equivalent 1 dB opti-
cal/electrical power penalty. Fibre Channel input
jitter tolerance requirements are shown in
Table 3.
Jitter Generation
The jitter of the serial clock and serial data outputs
shall not exceed the value specified in Table 4 when
a serial data input with no jitter is presented to the
serial data inputs.
SYSTEM
STORAGE
DISK DRIVE
SERDES
SERDES
BACKPLANE
PBC
REPEAETERS
CABLES
CONNECTORS
Componet Receiver Node =
α
R
SYSTEM
HOST ADAPTOR
α
T = Component Transmitter Node
Figure 5. Fibre Channel System Node Definition
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dn
i
Mx
a
Ms
t
i
n
U
t
J
D
F
t
n
e
d
n
e
p
e
D
y
c
n
e
u
q
e
r
F
e
c
n
a
r
e
l
o
T
r
e
t
t
i
J
o
t
z
H
k
7
3
6
(
)
z
H
M
5
0
1
.
0–
p
-
p
I
U
t
J
D
r
e
t
t
i
J
c
i
t
s
i
n
i
m
r
e
t
e
D
e
c
n
a
r
e
l
o
T
)
z
H
M
1
3
5
z
H
k
7
3
6
(
8
3
.
0–
p
-
p
I
U
t
J
R
r
e
t
t
i
J
m
o
d
n
a
R
)
z
H
M
1
3
5
z
H
k
7
3
6
(
2
2
.
0–
p
-
p
I
U
t
J
T
r
e
t
t
i
J
l
a
t
o
T0
7
.
0–
p
-
p
I
U
Table 3. Input Jitter Tolerance Specification at
node
α
R
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dn
i
Mx
a
Ms
t
i
n
U
J
Dr
e
t
t
i
J
c
i
t
s
i
n
i
m
r
e
t
e
D8
0
.
0p
-
p
I
U
J
Tr
e
t
t
i
J
l
a
t
o
T3
2
.
0p
-
p
I
U
Table 4. Total Jitter Generation Specification at
node
α
T


Similar Part No. - S3076DI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S30760 MICROSEMI-S30760 Datasheet
115Kb / 2P
   Silicon Power Rectifier
logo
Belden Inc.
S3076NH BELDEN-S3076NH Datasheet
101Kb / 3P
   Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results

Similar Description - S3076DI

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Vitesse Semiconductor C...
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Integrated Circuit Syst...
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com