Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7378GP Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAA7378GP
Description  Single Chip Digital Servo Processor and Compact Disc Decoder
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7378GP Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAA7378GP Datasheet HTML 30Page - NXP Semiconductors SAA7378GP Datasheet HTML 31Page - NXP Semiconductors SAA7378GP Datasheet HTML 32Page - NXP Semiconductors SAA7378GP Datasheet HTML 33Page - NXP Semiconductors SAA7378GP Datasheet HTML 34Page - NXP Semiconductors SAA7378GP Datasheet HTML 35Page - NXP Semiconductors SAA7378GP Datasheet HTML 36Page - NXP Semiconductors SAA7378GP Datasheet HTML 37Page - NXP Semiconductors SAA7378GP Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Philips Semiconductors
Preliminary specification: Version 1.0
May 1995
34
Digital Servo Processor and Compact Disc Decoder (CD7)
SAA7378GP
9.7.1
Summary of Servo Command Parameters
A list of the servo command parameters are given below:
parameter
RAM addr.
affects
POR
value
determines
foc_parm_1
-
focus PID
end of focus lead
defect detector enabling
foc_parm_2
-
focus PID
focus low pass
focus error normalising
foc_parm_3
-
focus PID
focus lead length
minimum light level
foc_int
14h
focus PID
focus integrator crossover freq
foc_gain
15h
focus PID
70h
focus PID loop gain
CA_drop
12h
focus PID
sensitivity of drop-out detector
ramp_offset
16h
focus ramp
assymetry of focus ramp
ramp_height
18h
focus ramp
p-p value of ramp voltage
ramp_incr
-
focus ramp
slope of ramp voltage
FE_start
19h
focus ramp
minimum value of focus error
rad_parm_play
28h
radial PID
end of radial lead
rad_pole_noise
29h
radial PID
radial low-pass
rad_length_lead
1Ch
radial PID
length of radial lead
rad_int
1Eh
radial PID
radial integrator crossover freq
rad_gain
2Ah
radial PID
70h
radial loop gain
rad_parm_jump
27h
radial jump
filter during jump
vel_parm1
1Fh
radial jump
PI controller crossover freqs
vel_parm2
32h
radial jump
jump pre-defined profile
speed_threshold
48h
radial jump
maximum speed in fastrad mode
hold_mult
49h
radial jump
00h
sledge bandwidth during jump
brake_dist_max
21h
radial jump
max sledge distance allowed in fast actuator
steered mode
sledge_long_brake
58h
radial jump
7Fh
brake distance of sledge
sledge_Umax
-
sledge
voltage on sledge during long jump
sledge_level
-
sledge
voltage on sledge when steered
sledge_parm_1
36h
sledge
sledge integrator crossover freq
sledge_parm_2
17h
sledge
sledge low pass freqs
sledge gain
sledge operation mode
defect_parm
-
defect detector
defect detector setting
shock_level
-
shock detector
shock detector operation
chip_init
-
setup
VRH level setting
xtra_preset
4Ah
setup
38h
laser on/off
RA, FO, SL PDM modulating freq.
config_parm1
42h
setup
initialisation
config_parm2
53h
setup
initialisation
config_parm3
59h
setup
initialisation
config_parm4
68h
setup
initialisation


Similar Part No. - SAA7378GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7378GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com