Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3843A Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # KA3843A
Description  Current���� Mode��PWM��Cont roller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA3843A Datasheet(HTML) 2 Page - Wing Shing Computer Components

  KA3843A Datasheet HTML 1Page - Wing Shing Computer Components KA3843A Datasheet HTML 2Page - Wing Shing Computer Components KA3843A Datasheet HTML 3Page - Wing Shing Computer Components KA3843A Datasheet HTML 4Page - Wing Shing Computer Components KA3843A Datasheet HTML 5Page - Wing Shing Computer Components KA3843A Datasheet HTML 6Page - Wing Shing Computer Components KA3843A Datasheet HTML 7Page - Wing Shing Computer Components KA3843A Datasheet HTML 8Page - Wing Shing Computer Components KA3843A Datasheet HTML 9Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Current Mode PWM Controller
2
Electrical characteristics (*VCC=15V, RT=10kΩ, CT=3.3nF, TA=00C to +700C, unless otherwise
specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Section
Reference Output Voltage
VREF
TJ = 25°C, IREF = 1 mA
4.9
5.0
5.1
V
Line Regulation
∆VREF
12V
≤ VCC ≤ 25 V
6.0
20
mV
Load Regulation
∆VREF
1 mA
≤ IREF ≤ 20mA
6.0
25
Short Circuit Output Current
ISC
TA = 25°C
-100
-180
mA
Oscillator Section
384XA
47
50
57
Oscillation Frequency
f
TJ = 25°C
384XAM
47
52
57
KHz
Frequency Change with
Voltage
∆f/∆VCC
12V
≤ VCC ≤ 25 V
0.05
1.0
%
Oscillator Amplitude
V(OSC)
(peak to peak)
1.6
V
Error Amplifier Section
Input Bias Current
IBIAS
VFB=3V
-0.1
-2
µA
Input Voltage
VI(E.A)
Vpin1 = 2.5V
2.42
2.5
2.58
V
Open Loop Voltage Gain
AVOL
2V
≤ V0 ≤ 4V
65
90
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25 V
60
70
dB
Output Sink Current
ISINK
Vpin2 = 2.7V, Vpin1 = 1.1V
2
7
mA
Output Source Current
ISOURCE
Vpin2 = 2.3V, Vpin1 = 5V
-0.5
-1.0
mA
High Output Voltage
VOH
Vpin2 = 2.3V, RL = 15KΩ to GND
5.0
6.0
Low Output Voltage
VOL
Vpin2 = 2.7V, RL = 15KΩ to PIN 8
0.8
1.1
V
Current Sense Section
Gain
GV
(Note 1 & 2)
2.85
3.0
3.15
V/V
Maximum Input Signal
VI(MAX)
V pin1 = 5V (Note1)
0.9
1.0
1.1
V
Supply Voltage Rejection
SVR
12V
≤ VCC ≤ 25 V (Note 1)
70
dB
Input Bias Current
IBIAS
Vpin3 = 3V
-3.0
-10
µA
Output Section
Low Output Voltage
VOL
ISINK = 20 mA
0.08
0.4
ISINK = 200 mA
1.4
2.2
High Output Voltage
VOH
ISINK = 20 mA
13
13.5
ISINK = 200 mA
12
13.0
V
Rise Time
tR
TJ = 25°C, CL = 1nF (Note 3)
45
150
Fall Time
tF
TJ = 25°C, CL = 1nF (Note 3)
35
150
nS
Undervoltage Lockout Section
Start Theshold
VTH(ST)
3843A(AM)
7.8
8.4
9.0
V
Min. Operating Voltage
VOPR(min)
(After Turn On)
3843A(AM)/45A(AM)
7.0
7.6
8.2
V
PWM Section
Max. Duty Cycle
D (MAX)
3842A(AM)/43A(AM)
95
97
100
%
Min. Duty Cycle
D(MAX)
0
Total Standby Current
Start
−Up Current
IST
384XA(AM)
0.17
0.3
Operating Supply Current
ICC (OPR)
Vpin3 = Vpin2 = 0V
13
17
mA
Zener Voltage
VZ
ICC=25 mA
30
38
V
* Adjust VCC above the start threshold before setting it to 15V.
Note 1: Parameter measured at trip point of latch with Vpin2=0.
Note 2: Gain defined as A=
∆Vpin1/∆Vpin3 ; 0 ≤ Vpin3 ≤ 0.8V.
Note 3: These parameters, although guaranteed, are not 100% tested in production.
KA3843A(AM)


Similar Part No. - KA3843A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
   SMPS Controller
More results

Similar Description - KA3843A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS6681Z FAIRCHILD-FDMS6681Z Datasheet
244Kb / 7P
   P-Channel PowerTrench짰MOSFET -30 V, -49 A, 3.2 m��
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
   Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
logo
Generalplus Technology ...
GPC10096A GENERALPLUS-GPC10096A Datasheet
401Kb / 15P
   Sound Cont roller with 96KB ROM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Anpec Electronics Corop...
APX7311 ANPEC-APX7311 Datasheet
567Kb / 26P
   Three-Phase Sine-Wave Brushless DC Motor Cont roller
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
   Current Mode PWM Controller
logo
Fuji Electric
FA13844N-TE1 FUJI-FA13844N-TE1 Datasheet
310Kb / 17P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com