Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet(PDF) 7 Page - Cree, Inc

Part # CCCCC-DXA-XHHJJKKLLMMNN4
Description  Cree® PLCC6 3-in-1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet(HTML) 7 Page - Cree, Inc

  CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 1Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 2Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 3Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 4Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 5Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 6Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 7Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 8Page - Cree, Inc CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CLD-CT1192.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
Mechanical Dimensions
All dimensions are in mm.


Similar Part No. - CCCCC-DXA-XHHJJKKLLMMNN4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHJJKKLLMMNN4 MARKTECH-CCCCC-DXA-XHHJJKKLLMMNN4 Datasheet
511Kb / 9P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHJJKKLLMMNN4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-FKC CREE-CLX6F-FKC Datasheet
2Mb / 11P
   Cree PLCC6 3 in 1 SMD LED
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com