Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CML0402C0G101BT100V Datasheet(PDF) 22 Page - Stackpole Electronics, Inc.

Part # CML0402C0G101BT100V
Description  Multilayer Ceramic Chip Capacitor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CML0402C0G101BT100V Datasheet(HTML) 22 Page - Stackpole Electronics, Inc.

Back Button CML0402C0G101BT100V Datasheet HTML 15Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 16Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 17Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 18Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 19Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 20Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 21Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 22Page - Stackpole Electronics, Inc. CML0402C0G101BT100V Datasheet HTML 23Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Rev Date: 5/27/2021
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CML_Y5V Series
Multilayer Ceramic Chip Capacitor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Plastic Tape Specifications
Paper Tape Specifications (cont.)
Type/Code
Unit
0.079 ± 0.002
0.079 ± 0.002
0.069 ± 0.002
0.138 ± 0.002
inches
2.00 ± 0.05
2.00 ± 0.05
1.75 ± 0.05
3.50 ± 0.05
mm
0.079 ± 0.004
0.157 ± 0.002
0.069 ± 0.002
0.138 ± 0.002
inches
2.00 ± 0.10
4.00 ± 0.05
1.75 ± 0.05
3.50 ± 0.05
mm
0.079 ± 0.004
0.157 ± 0.004
0.069 ± 0.002
0.138 ± 0.002
inches
2.00 ± 0.10
4.00 ± 0.10
1.75 ± 0.05
3.50 ± 0.05
mm
0.079 ± 0.004
0.157 ± 0.004
0.069 ± 0.004
0.138 ± 0.002
inches
2.00 ± 0.10
4.00 ± 0.10
1.75 ± 0.10
3.50 ± 0.05
mm
P1
P2
D0
E
F
0.059-0/+0.004
0.059-0/+0.004
CML0402Y5V
CML0603Y5V
CML0805Y5V
CML1206Y5V
1.5-0/+0.10
1.5-0/+0.10
1.5-0/+0.10
1.5-0/+0.10
0.059-0/+0.004
0.059-0/+0.004
Type/Code
Unit
0.061 ± 0.008
0.093 ± 0.008
0.315 ± 0.008
0.138 ± 0.002
0.069 ± 0.004
inches
1.55 ± 0.20
2.35 ± 0.20
8.00 ± 0.20
3.50 ± 0.05
1.75 ± 0.10
mm
0.077 ± 0.008
0.142 ± 0.008
0.315 ± 0.008
0.138 ± 0.002
0.069 ± 0.004
inches
1.95 ± 0.20
3.60 ± 0.20
8.00 ± 0.20
3.50 ± 0.05
1.75 ± 0.10
mm
0.106 ± 0.004
0.135 ± 0.004
0.315 ± 0.004
0.138 ± 0.002
0.069 ± 0.004
inches
2.70 ± 0.10
3.42 ± 0.10
8.00 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
mm
0.144 ± 0.004
0.195 ± 0.004
0.472 ± 0.004
0.217 ± 0.002
0.069 ± 0.004
inches
3.66 ± 0.10
4.95 ± 0.10
12.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
mm
Type/Code
Unit
0.157 ± 0.004
0.079 ± 0.004
0.157 ± 0.004
max
inches
4.00 ± 0.10
2.00 ± 0.10
4.00 ± 0.10
max
mm
0.157 ± 0.004
0.079 ± 0.004
0.157 ± 0.004
max
inches
4.00 ± 0.10
2.00 ± 0.10
4.00 ± 0.10
max
mm
0.157 ± 0.004
0.079 ± 0.002
0.157 ± 0.004
max
inches
4.00 ± 0.10
2.00 ± 0.05
4.00 ± 0.10
max
mm
0.315 ± 0.004
0.079 ± 0.002
0.157 ± 0.004
max
inches
8.00 ± 0.10
2.00 ± 0.05
4.00 ± 0.10
max
mm
E
CML1206Y5V
CML1210Y5V
CML0805Y5V
A
B
C
D
0.073
1.85
CML1812Y5V
F
G
H
T
CML1206Y5V
CML0805Y5V
J
0.059-0/+0.004
1.5-0/+0.10
0.059-0/+0.004
1.5-0/+0.10
0.059
1.50
CML1210Y5V
0.059-0/+0.004
0.126
1.5-0/+0.10
3.20
CML1812Y5V
0.059-0/+0.004
0.157
1.5-0/+0.10
4.00
RoHS Compliance Status
CML
Multilayer Ceramic Chip Capacitor
SMD
YES
100% Matte Sn over Ni
Always
Always
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)


Similar Part No. - CML0402C0G101BT100V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CML-325 VCC-CML-325 Datasheet
77Kb / 1P
   LOW PROFILE LENS 5MM ROUND FRESNEL
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
   5MM ROUND PLAIN END LENS
logo
NTE Electronics
CML100J100 NTE-CML100J100 Datasheet
18Kb / 1P
   MULTILAYER (MONOLYTHIC) CERAMIC
CML102K100 NTE-CML102K100 Datasheet
18Kb / 1P
   MULTILAYER (MONOLYTHIC) CERAMIC
CML103M50 NTE-CML103M50 Datasheet
18Kb / 1P
   MULTILAYER (MONOLYTHIC) CERAMIC
More results

Similar Description - CML0402C0G101BT100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com