Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
7
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D Applicable tubing
Connection thread
H
ø
D
Applicable tubing
Connection thread
(With sealant)
H
Hexagon Socket Head Male Connector: KQ2S (Sealant)
* Reference dimensions after installation of R
thread
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Hexagon Socket Head Male Connector: KQ2S (Gasket seal)
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2S04-01
lS
3
10
20.6 19.6 17.5 13.3
4.1
3.6
3.1
8.1
ø
6
1/8
KQ2S06-01
lS
4
10
20.3 18.8 17.2 13.3 10
9.9
4.1
6.5
1/4
KQ2S06-02
lS
4
14
19.8 18.8 15.1 13.3 10.7 10
4.1 13.4
ø
8
1/8
KQ2S08-01
lS
5
13
22.9 19.7 19.8 14.2 17.2 16.2
5.1 10.2
1/4
KQ2S08-02
lS
6
14
23.2 19.5 18.5 14.2 23.3 16.2
6.1 14.3
3/8
KQ2S08-03
lS
6
17
20.7 19.7 15.6 14.2 23.3 16.2
6.1 21.1
ø
10
1/8
KQ2S10-01
lS
5
15
24.3 21.1 21.2 15.6 17.2 16.2
5.1 12
1/4
KQ2S10-02
lS
8
15
24.6 20.1 19.9 15.6 39
26.6
8.1 12.4
3/8
KQ2S10-03
lS
8
17
25.1 20.1 20
15.6 39
26.6
8.1 23.2
1/2
KQ2S10-04
lS
8
22
21.1 20.1 14.7 15.6 39
26.6
8.1 37.4
ø
12
1/4
KQ2S12-02
lS
8
18
29
21.5 24.3 17
46
44.5
8.1 21
3/8
KQ2S12-03
lS 10
18
26.4 21.8 21.3 17
60
44.5 10.1 21.2
1/2
KQ2S12-04
lS 10
22
22.8 21.8 16.4 17
60
44.5 10.1 30.5
ø
16
1/4
KQ2S16-02
lS
8
23
32.5 25.1 27.8 20.6 44
44
8.1 25.7
3/8
KQ2S16-03
lS 10
23
33.5 25.4 28.4 20.6 81
67
10.1 38.3
1/2
KQ2S16-04
lS 12
23
33.4 26.1 27
20.6 113
67
12.1 43.5
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2 M3 x 0.5 KQ2S02-M3G 1.5
6
15.7 14.7 13.1 11.9
0.9
1.5
1.7
ø
3.2
M3 x 0.5
KQ2S23-M3G 1.5
7
17.1 16.1 14.5 13.3 1.4
1.4
1.5
2.2
M5 x 0.8
KQ2S23-M5
l 2
7
17.5 16.3 14.5 13.3 2.5
2.5
2
2.6
ø
4
M3 x 0.5
KQ2S04-M3G 1.5
8
17.1 16.1 14.5 13.3 1.4
1.4
1.5
2.3
M5 x 0.8
KQ2S04-M5
l 2
8
17.6 16.3 14.6 13.3 2.5
2.5
2
3
M6 x 1.0
KQ2S04-M6
l 3
8
20.6 19.6 16.6 13.3 4
4
3.1
4.1
ø
6
M5 x 0.8
KQ2S06-M5
l 2
10
17.6 16.3 14.6 13.3 2.5
2.5
2
3.5
M6 x 1.0
KQ2S06-M6
l 3
10
20.6 19.6 16.6 13.3 4
4
3.1
5.1
New
New


Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com