Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
5
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D
H
Connection thread
Applicable tubing
Applicable tubing
ø
D
H
Connection
thread
(With sealant)
2 x Applicable tubing
M
M
L
Male Connector: KQ2H (Sealant)
* Reference dimensions after installation of R
thread
Male Connector: KQ2H (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Straight Union: KQ2H
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
ø
D
L
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2H23-01
lS 10
6.7 14
10.9 13.3
3.4
2.9
2.5
6
1/4
KQ2H23-02
lS 14
6.7 16.7 12
13.3
3.4
2.9
2.5 15.3
ø
4
1/8
KQ2H04-01
lS 10
7.7 14.3 11.2 13.3
5.6
4
3
5.6
1/4
KQ2H04-02
lS 14
7.7 16.7 12
13.3
5.6
4
3
14.6
ø
6
1/8
KQ2H06-01
lS 10
9.7 18.4 15.3 13.3
13.1 10.4
4.5
5.8
1/4
KQ2H06-02
lS 14
9.7 16.7 12
13.3
13.1 10.4
4.5 12.5
3/8
KQ2H06-03
lS 17
9.7 18.1 13
13.3
13.1 10.4
4.5 24.5
ø
8
1/8
KQ2H08-01
lS 14
12.2 22.5 19.4 14.2
26.1 18
6
11.9
1/4
KQ2H08-02
lS 14
12.2 22
17.3 14.2
26.1 18
6
13.9
3/8
KQ2H08-03
lS 17
12.2 18.1 13
14.2
26.1 18
6
21
ø
10
1/8
KQ2H10-01
lS 17
14.6 23.8 20.7 15.6
26.1 26.1
6
16.9
1/4
KQ2H10-02
lS 17
14.6 27.3 22.6 15.6
41.5 29.5
7.5 22.1
3/8
KQ2H10-03
lS 17
14.6 23.5 18.4 15.6
41.5 29.5
7.5 22.5
1/2
KQ2H10-04
lS 22
14.6 22.3 15.9 15.6
41.5 29.5
7.5 44.7
ø
12
1/4
KQ2H12-02
lS 19
17
28.7 24
17
58.3 46.1
9
24.3
3/8
KQ2H12-03
lS 19
17
25.9 20.8 17
58.3 46.1
9
25.2
1/2
KQ2H12-04
lS 22
17
22.3 15.9 17
58.3 46.1
9
37.7
ø
16
1/4
KQ2H16-02
lS 24
21.8 32.5 27.8 20.6
58.3 46.1
9
37.4
3/8
KQ2H16-03
lS 24
21.8 33.1 28
20.6
81
67
11
42.4
1/2
KQ2H16-04
lS 24
21.8 32.1 25.7 20.6 113
67
13
44.6
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
M3 x 0.5
KQ2H02-M3G
7
5.5
15.6 13
11.9
0.9
1.2
1.5
M5 x 0.8
KQ2H02-M5
l
7
5.5
13.8 10.8 11.9
0.9
1.4
2
ø
3.2
M3 x 0.5
KQ2H23-M3G
7
6.7
17
14.4 13.3
0.9
0.9
1.2
2.4
M5 x 0.8
KQ2H23-M5
l
7
6.7
17.3 14.3 13.3
3
2.5
2.5
2.7
ø
4
M3 x 0.5
KQ2H04-M3G
8
7.7
17.1 14.5 13.3
0.9
0.9
1.2
2.9
M5 x 0.8
KQ2H04-M5
l
8
7.7
17.7 14.7 13.3
4
4
2.5
3.3
M6 x 1.0
KQ2H04-M6
l
8
7.7
18.7 14.7 13.3
4
4
3
3.6
ø
6
M5 x 0.8
KQ2H06-M5
l 10
9.7
17.7 14.7 13.3
4
4
2.5
4.1
M6 x 1.0
KQ2H06-M6
l 10
9.7
18.8 14.8 13.3
4
4
3
4.4
Applicable
tubing O.D.
(mm)
Model
ø
D Note)
L
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
KQ2H02-00A
5.8
24.8
11.9
0.9
1.4
0.8
ø
3.2
KQ2H23-00A
7.1
27.6
13.3
3.4
2.9
2.5
1.4
ø
4
KQ2H04-00A
8.2
27.6
13.3
5.6
4
3
1.6
ø
6
KQ2H06-00A
10.4
27.6
13.3
13.1
10.4
4.5
2.1
ø
8
KQ2H08-00A
13.2
29.4
14.2
26.1
18
6
3.7
ø
10
KQ2H10-00A
15.9
32.2
15.6
41.5
29.5
7.5
5.5
ø
12
KQ2H12-00A
18.5
35
17
58.3
46.1
9
8.2
ø
16
KQ2H16-00A
23.8
42.2
20.6
113
67
13
15.2
New
New


Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com