Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
Sealant/Gasket Seal
Prior to Use······························································································································································ P.115
Precautions ····························································································································································· P.116
Safety Instructions ········································································································································· Back cover
Series
KQ2
One-touch Fittings
Applicable
tubing
How to Order·········································· P.2
Variations··············································· P.3
Dimensions ············································ P.5
Made to Order/Clean Series/Spare Parts····· P.31
How to Order·········································· P.34
Variations··············································· P.35
Dimensions ············································ P.37
Made to Order/Clean Series/Spare Parts····· P.56
How to Order·········································· P.58
Variations··············································· P.59
Dimensions ············································ P.60
Made to Order/Clean Series/Spare Parts····· P.63
Gasket Seal (Uni Thread)
Connection thread
Rc
G
NPT
NPTF
Applicable
tubing
Metric size
Inch size
How to Order·········································· P.102
Variations··············································· P.103
Dimensions ············································ P.104
Made to Order/Clean Series/Spare Parts····· P.107
How to Order·········································· P.110
Variations··············································· P.111
Dimensions ············································ P.112
Made to Order/Clean Series/Spare Parts····· P.114
Face Seal
Applicable
tubing
Metric size
Metric size
Inch size
Inch size
How to Order·········································· P.66
Variations··············································· P.67
Dimensions ············································ P.68
Spare Parts ············································ P.72
How to Order·········································· P.74
Variations··············································· P.75
Dimensions ············································ P.76
How to Order·········································· P.86
Variations··············································· P.87
Dimensions ············································ P.88
How to Order·········································· P.96
Variations··············································· P.97
Dimensions ············································ P.98
Connection thread
M
R
Rc
UNF NPT
Connection thread
G
R
Rc
NPT
R
P.1
P.33
P.57
P.65
P.73
P.85
P.95
P.101
P.109
Metric size
Inch size
Inch size
Front matter 1 A


Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com