Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
Selectable seal method∗
Selectable surface treatment
Brass (No plating)
Brass + Electroless nickel plated
Height with multiple
usage is uniform.
Effective space
of height direction
Face seal adopted for threading
Face seal
Sealant
Re-piping is possible.
Face seal
Repeated re-piping some 6 to 10 times is possible due to use of elastic sealant on seating.
Sealant
Sealant tape is necessary because sealant becomes separated with repeated installation.
Prevention of sealant residue/protrusion
Existing sealant type leaves residue and protrudes out from the threading when installing,
making it necessary to clear away the residue using an air blower or similar. However, no
residue is created when using a face seal.
Number of
rotations after
hand-tightening
1/6 of a rotation
or less
Improved installability (Reduced tool-tightening after hand-tightening)
Uni thread type
Sealant
Uniform height
Uneven heights
Effective space
Face seal
Sealant
∗ Connection thread: R, NPT
Face seal
Face seal
Number of
rotations after
hand-tightening
2 to 3
rotations
At hand-tightening After tool-tightening
At hand-tightening
After tool-tightening
Connection thread: M, R, Rc
Connection thread: UNF, NPT, M, R, Rc
Connection thread: NPT, R
Connection thread: G, R, Rc
One fitting is applicable to various threads,
such as Rc, G, NPT and NPTF.
Connection thread: Rc, G, NPT, NPTF
Sealant/Gasket seal
Face seal
Uni One-touch Fittings Gasket seal
Connection thread: Rc, G, NPT, NPTF
Features 1
Series
KQ2
A


Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com