Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FERD20S100S Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD20S100S
Description  100 V field-effect rectifier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20S100S Datasheet(HTML) 1 Page - STMicroelectronics

  FERD20S100S Datasheet HTML 1Page - STMicroelectronics FERD20S100S Datasheet HTML 2Page - STMicroelectronics FERD20S100S Datasheet HTML 3Page - STMicroelectronics FERD20S100S Datasheet HTML 4Page - STMicroelectronics FERD20S100S Datasheet HTML 5Page - STMicroelectronics FERD20S100S Datasheet HTML 6Page - STMicroelectronics FERD20S100S Datasheet HTML 7Page - STMicroelectronics FERD20S100S Datasheet HTML 8Page - STMicroelectronics FERD20S100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2017
DocID029416 Rev 2
1/12
This is information on a product in full production.
www.st.com
FERD20S100S
100 V field-effect rectifier diode
Datasheet - production data
Features
ST advanced rectifier process
Stable leakage current over reverse voltage
Reduced leakage current
Low forward voltage drop
High frequency operation
ECOPACK®2 compliant component
Description
The device is based on a proprietary technology
that achieves the best in class VF/IR trade-off for a
given silicon surface. This 100 V rectifier has
been optimized for use in confined casing
applications where both efficiency and thermal
performance matter. With a lower dependency of
leakage current (IR) and forward voltage (VF) in
function of temperature, the thermal runaway risk
is reduced. Therefore, it can advantageously
replace 100 V Schottky diodes.
Table 1: Device summary
Symbol
Value
IF(AV)
20 A
VRRM
100 V
VF(max.)
0.415 V
IR(max.)
110 µA
Tj(max.)
175 °C
TO-220AB
DPAK
IPAK
A
K
A
K
K
K
A
A
A
K
A
K
K
A
A
A
A


Similar Part No. - FERD20S100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
   45 V field-effect rectifier diode
January 2018 Rev 1
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SB-TR STMICROELECTRONICS-FERD20H100SB-TR Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SFP STMICROELECTRONICS-FERD20H100SFP Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SH STMICROELECTRONICS-FERD20H100SH Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
More results

Similar Description - FERD20S100S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
   100 V field-effect rectifier diode
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
   45 V field-effect rectifier diode
January 2018 Rev 1
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
   50 V field-effect rectifier diode
February 2017 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com