Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88155 Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB88155
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88155 Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB88155 Datasheet HTML 16Page - Fujitsu Component Limited. MB88155 Datasheet HTML 17Page - Fujitsu Component Limited. MB88155 Datasheet HTML 18Page - Fujitsu Component Limited. MB88155 Datasheet HTML 19Page - Fujitsu Component Limited. MB88155 Datasheet HTML 20Page - Fujitsu Component Limited. MB88155 Datasheet HTML 21Page - Fujitsu Component Limited. MB88155 Datasheet HTML 22Page - Fujitsu Component Limited. MB88155 Datasheet HTML 23Page - Fujitsu Component Limited. MB88155 Datasheet HTML 24Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MB88155
23
■ PACKAGE DIMENSIONS
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
8-pin plastic TSSOP
Lead pitch
0.65 mm
Package width
×
package length
4.40 mm
× 3.10 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.20 mm Max
8-pin plastic TSSOP
(FPT-8P-M07)
(FPT-8P-M07)
C
2006 FUJITSU LIMITED F08015Sc-1-1
3.10±0.10(.122±.004)
4.40±0.10
6.40±0.20
(.252±.008)
(.173±.004)
INDEX
0.65(.026)
1
4
5
8
0.22±0.10
(.009±.004)
0.127±0.08
(.0050±.003)
"A"
1.95(.077)
0.50(.020)
NOM
0.60±0.10
(.024±.004)
0~8˚
Details of "A" part
(.004±.002)
(Stand off)
0.10±0.05
1.20(.047)MAX
TYP
REF
0.10(.004)
0.25(.010)
Dimensions in mm (inches).
Note: The values in parentheses are reference values
Note) Pins width and pins thickness include plating thickness.


Similar Part No. - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155 FUJITSU-MB88155 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
MB88155 FUJITSU-MB88155 Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155 CYPRESS-MB88155 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
logo
Fujitsu Component Limit...
MB88155-100 FUJITSU-MB88155-100 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155-100 CYPRESS-MB88155-100 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
More results

Similar Description - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com