Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88155 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. MB88155
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88155 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MB88155
2
■ PRODUCT LINEUP
The MB88155 is available in different models : 2 models different in multiplier (
× 1 and × 4) , 2 in modulation
type (center-spreading and down-spreading) , 2 in input frequency range at a multiplier of 1 (12.5 MHz to
25 MHz and 25 MHz to 50 MHz) , and 1 in input frequency range at a multiplier of 4 (12.5 MHz to 20 MHz) .
The MB88155 is also available in two versions : modulation-on/off selectable version (with ENS pin) and power-
down function built-in version (with XPD pin) .
Line-up of MB88155
Product
Input frequency
Multiplication
rate
Output
frequency
Modulation
type
Modulation
enable pin
Power
down pin
MB88155-100
12.5 MHz to 25 MHz
Multiplied by 1
The same as
input frequency
Down
spread
Yes
No
MB88155-101
25 MHz to 50 MHz
MB88155-102
12.5 MHz to 25 MHz
No
Yes
MB88155-103
25 MHz to 50 MHz
MB88155-110
12.5 MHz to 25 MHz
Center
spread
Yes
No
MB88155-111
25 MHz to 50 MHz
MB88155-112
12.5 MHz to 25 MHz
No
Yes
MB88155-113
25 MHz to 50 MHz
MB88155-400
12.5 MHz to 20 MHz Multiplied by 4
50 MHz to
80 MHz
Down
spread
Yes
No
MB88155-402
No
Yes
MB88155-410
Center
spread
Yes
No
MB88155-412
No
Yes
MB88155-M T F
Input frequency range,
With/without ENS/XPD
Multiplied
by 1
0 : 12.5 MHz to 25.0 MHz, With ENS, Without XPD
1 : 25.0 MHz to 50.0 MHz, With ENS, Without XPD
2 : 12.5 MHz to 25.0 MHz, Without ENS, With XPD
3 : 25.0 MHz to 50.0 MHz, Without ENS, With XPD
Multiplied
by 4
0 : 12.5 MHz to 20.0 MHz, With ENS, Without XPD
2 : 12.5 MHz to 20.0 MHz, Without ENS, With XPD
Spread type
→ 0 : Down spread, 1 : Center spread
Multiplication rate setting
→ 1 : Multiplied by 1, 4 : Multiplied by 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn