Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88155 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB88155
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88155 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB88155 Datasheet HTML 6Page - Fujitsu Component Limited. MB88155 Datasheet HTML 7Page - Fujitsu Component Limited. MB88155 Datasheet HTML 8Page - Fujitsu Component Limited. MB88155 Datasheet HTML 9Page - Fujitsu Component Limited. MB88155 Datasheet HTML 10Page - Fujitsu Component Limited. MB88155 Datasheet HTML 11Page - Fujitsu Component Limited. MB88155 Datasheet HTML 12Page - Fujitsu Component Limited. MB88155 Datasheet HTML 13Page - Fujitsu Component Limited. MB88155 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MB88155
10
■ ABSOLUTE MAXIMUM RATINGS
* : The parameter is based on VSS
= 0.0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
− 0.5
+ 4.0
V
Input voltage*
VI
VSS
− 0.5
VDD
+ 0.5
V
Output voltage*
VO
VSS
− 0.5
VDD
+ 0.5
V
Storage temperature
TST
− 55
+ 125
°C
Operation junction
temperature
TJ
− 40
+ 125
°C
Output current
IO
− 14
+ 14
mA
Overshoot
VIOVER
VDD
+ 1.0 (tOVER ≤ 50 ns)
V
Undershoot
VIUNDER
VSS
− 1.0 (tUNDER ≤ 50 ns)
V
VDD
VSS
Input pin
Overshoot/Undershoot
tUNDER
≤ 50 ns
VIOVER
≤ VDD + 1.0 V
tOVER
≤ 50 ns
VIUNDER
≤ VSS − 1.0 V


Similar Part No. - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155 FUJITSU-MB88155 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
MB88155 FUJITSU-MB88155 Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155 CYPRESS-MB88155 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
logo
Fujitsu Component Limit...
MB88155-100 FUJITSU-MB88155-100 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155-100 CYPRESS-MB88155-100 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
More results

Similar Description - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com