Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75LVST Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS75LVST
Description  Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LVST Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS75LVST Datasheet HTML 1Page - Maxim Integrated Products DS75LVST Datasheet HTML 2Page - Maxim Integrated Products DS75LVST Datasheet HTML 3Page - Maxim Integrated Products DS75LVST Datasheet HTML 4Page - Maxim Integrated Products DS75LVST Datasheet HTML 5Page - Maxim Integrated Products DS75LVST Datasheet HTML 6Page - Maxim Integrated Products DS75LVST Datasheet HTML 7Page - Maxim Integrated Products DS75LVST Datasheet HTML 8Page - Maxim Integrated Products DS75LVST Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS75LV: Digital Thermometer and Thermostat
5 of 13
OPERATION
¾MEASURING TEMPERATURE
The DS75LV measures temperature using a bandgap temperature sensing architecture. An on-board delta-sigma
analog-to-digital converter (ADC) converts the measured temperature to a digital value that is calibrated in degrees
centigrade; for Fahrenheit applications a lookup table or conversion routine must be used. The DS75LV is factory-
calibrated and requires no external components to measure temperature.
At power-up the DS75LV immediately begins converting temperature to a digital value. The resolution of the digital
output data is user-configurable to 9, 10, 11, or 12 bits, corresponding to temperature increments of 0.5
°C, 0.25°C,
0.125
°C, and 0.0625°C, respectively, with 9-bit default resolution at power-up. The resolution is controlled via the
R0 and R1 bits in the configuration register as explained in the CONFIGURATION REGISTER section of this data
sheet. Note that the conversion time doubles for each additional bit of resolution.
After each temperature measurement and analog-to-digital conversion, the DS75LV stores the temperature as a
16-bit two’s complement number in the 2-byte temperature register (see Figure 3). The sign bit (S) indicates if the
temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. The most recently
converted digital measurement can be read from the temperature register at any time. Since temperature
conversions are performed in the background, reading the temperature register does not affect the operation in
progress.
Bits 3 through 0 of the temperature register are hardwired to 0. When the DS75LV is configured for 12-bit
resolution, the 12 MSbs (bits 15 through 4) of the temperature register will contain temperature data. For 11-bit
resolution, the 11 MSbs (bits 15 through 5) of the temperature register will contain data, and bit 4 will read out as 0.
Likewise, for 10-bit resolution, the 10 MSbs (bits 15 through 6) will contain data, and for 9-bit the 9 MSbs (bits 15
through 7) will contain data, and all unused LSbs will contain 0s. Table 3 gives examples of 12-bit resolution digital
output data and the corresponding temperatures.
Figure 3. Temperature, TOS, and THYST Register Format
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
26
25
24
23
22
21
20
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2-1
2-2
2-3
2-4
0
0
0
0
Table 2. 12-Bit Resolution Temperature/Data Relationship
TEMPERATURE (
°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0111 1101 0000 0000
7D00h
+25.0625
0001 1001 0001 0000
1910h
+10.125
0000 1010 0010 0000
0A20h
+0.5
0000 0000 1000 0000
0080h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1000 0000
FF80h
-10.125
1111 0101 1110 0000
F5E0h
-25.0625
1110 0110 1111 0000
E6F0h
-55
1100 1001 0000 0000
C900h
SHUTDOWN MODE
For power-sensitive applications, the DS75LV offers a low-power shutdown mode. The SD bit in the configuration
register controls shutdown mode. When SD is changed to 1, the conversion in progress will be completed and the
result stored in the temperature register after which the DS75LV will go into a low-power standby state. The O.S.
output will be cleared if the thermostat is operating in interrupt mode and O.S will remain unchanged in comparator
mode. The 2-wire interface remains operational in shutdown mode, and writing a 0 to the SD bit returns the
DS75LV to normal operation.


Similar Part No. - DS75LVST

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LVS++ MAXIM-DS75LVS+ Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVS+T&R MAXIM-DS75LVS+T&R Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results

Similar Description - DS75LVST

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com