Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XN1115 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. XN1115
Description  Silicon PNP epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN1115 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN1115 Datasheet HTML 1Page - Panasonic Semiconductor XN1115 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Composite Transistors
0
100
200
300
400
500
0
40
80
120
160
Ambient temperature Ta (˚C)
PT — Ta
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
XN1115
0
0
–12
– 2
–10
–4
–8
–6
–40
–120
–80
–160
–140
–100
–60
–20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.0mA
– 0.9mA
– 0.8mA
– 0.7mA
– 0.6mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
– 0.1mA
–0.01
–0.03
–0.1 –0.3
–0.1
–0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
100
200
300
400
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
– 25˚C
0
–0.1 –0.3
6
5
4
3
2
1
–1
– 3
–10
– 30
–100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
–1
–3
–0.4
–10
–30
–100
–300
–1000
–3000
–10000
–1.4
–1.2
–1.0
–0.8
–0.6
Input voltage VIN (V)
VO=–5V
Ta=25˚C
– 0.01
– 0.03
– 0.1 – 0.3
– 0.1
– 0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UN6111 Silicon PNP epitaxial planer transistor 1  2  3  4  5  More Panasonic Semiconductor
XN1116 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
XN1401 Silicon PNP epitaxial planer transistor 1  2  3  Panasonic Semiconductor
XN6115 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
XP0111M Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
XP1116 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
UN6121 Silicon PNP epitaxial planer transistor 1  2  3  4  5  More Panasonic Semiconductor
XN1117 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
XN4111 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor
XN6116 Silicon PNP epitaxial planer transistor 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn