Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3V312L Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3V312L
Description  Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V312L Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3V312L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V312L Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8754A
11/02/04
PI3V312
Low On-Resistance, 3.3V High-Bandwidth
4-Port, 2:1 Mux/DeMux VideoSwitch
Crosstalk (VCC = 3.3V, 25°C)
Off Isolation (VCC = 3.3V, 25°C)
DIV
36.00
Network
A:REF
0.000
[ dB ]
Cor
B:REF
180.0
[ deg ]
10,081,529.565 Hz
-53.7271dB
deg
MKR
T / R
0
RBW: 300 Hz, ST: 13.7 sec
-0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
10 MHz
Start = 1 KHz
Stop = 500 MHz
DIV
36.00
Network
A:REF
0.000
[ dB ]
Cor
B:REF
180.0
[ deg ]
10,081,529.565 Hz
-66.5818 dB
deg
MKR
T / R
0
ABW: 300 Hz ST: 13.7 sec
-0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Start = 1 KHz
Stop = 500 MHz
10 MHz


Similar Part No. - PI3V312L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V314B PERICOM-PI3V314B Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V314BE PERICOM-PI3V314BE Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V312L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
   LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
   Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com