Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDI550-12A4 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MDI550-12A4
Description  IGBT Modules Short Circuit SOA Capability Square RBSOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDI550-12A4 Datasheet(HTML) 4 Page - IXYS Corporation

  MDI550-12A4 Datasheet HTML 1Page - IXYS Corporation MDI550-12A4 Datasheet HTML 2Page - IXYS Corporation MDI550-12A4 Datasheet HTML 3Page - IXYS Corporation MDI550-12A4 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
0
200
400
600
800
1000
0
40
80
120
160
0
40
80
120
160
0
200
400
600
800
1000
0
40
80
120
160
0
200
400
600
800
0.00001
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
0
2468
10
12
14
0
20
40
60
80
100
0
400
800
1200
1600
2000
02468
10
12
14
0
40
80
120
160
200
0
80
160
240
320
400
single pulse
V
CE = 600V
V
GE = ±15V
R
G = 1.8W
T
J = 125°C
550-12
V
CE = 600V
V
GE = ±15V
I
C
= 400A
T
J = 125°C
0
200
400
600
800
1000 1200
0
200
400
600
800
1000
R
G = 1.8W
T
J = 125°C
V
CEK < VCES
V
CE = 600V
V
GE = ±15V
R
G = 1.8W
T
J = 125°C
E
on
V
CE = 600V
V
GE = ±15V
I
C
= 400A
T
J = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
mJ
E
off
mJ
E
on
ns
t
ns
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
K/W
Z
thJC
IGBT
diode
I
CM
V
A
Fig. 7
Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9
Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
MID 550-12 A4
MDI 550-12 A4


Similar Part No. - MDI550-12A4

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
logo
Inchange Semiconductor ...
MDI5N40RH ISC-MDI5N40RH Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDI5N40TH MGCHIP-MDI5N40TH Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDI5N40TH MGCHIP-MDI5N40TH Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
logo
Inchange Semiconductor ...
MDI5N40TH ISC-MDI5N40TH Datasheet
364Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDI550-12A4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID75-12A3 IXYS-MID75-12A3 Datasheet
108Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
VKI50-06P1 IXYS-VKI50-06P1 Datasheet
111Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
   Short Circuit SOA Capability Square RBSOA
VII25-12P1 IXYS-VII25-12P1 Datasheet
478Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
   Short Circuit SOA Capability Square RBSOA
VII25-06P1 IXYS-VII25-06P1 Datasheet
349Kb / 4P
   Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com