Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN01110 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XN01110
Description  Silicon PNP epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN01110 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XN01110 Datasheet HTML 1Page - Panasonic Semiconductor XN01110 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Composite Transistors
1
XN1110
Silicon PNP epitaxial planer transistor
For switching/digital circuits
s Features
q
Two elements incorporated into one package.
(Emitter-coupled transistors with built-in resistor)
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
UN1110
× 2 elements
s Absolute Maximum Ratings (Ta=25˚C)
1 : Collector (Tr1)
4 : Emitter
2 : Collector (Tr2)
5 : Base (Tr1)
3 : Base (Tr2)
EIAJ : SC–74A
Mini Type Pakage (5–pin)
Unit: mm
Marking Symbol:
AD
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Rating
of
element
Overall
2.8
+0.2
-0.3
1.5
0.65
±0.15
0.65
±0.15
1
5
4
3
2
+0.25
-0.05
0.4
±0.2
0.1 to 0.3
51
Tr2
Tr1
4
32
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
Emitter cutoff current
IEBO
VEB = –6V, IC = 0
– 0.01
mA
Forward current transfer ratio
hFE
VCE = –10V, IC = –5mA
160
460
Forward current transfer hFE ratio
hFE (small/large)
*1
VCE = –10V, IC = –5mA
0.5
0.99
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VOL
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
V
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Input resistance
R1
–30%
47
+30%
k
*1 Ratio between 2 elements


Similar Part No. - XN01110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN01112 PANASONIC-XN01112 Datasheet
77Kb / 3P
   Silicon PNP epitaxial planar type For switching/digital circuits
XN01114 PANASONIC-XN01114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN01119 PANASONIC-XN01119 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - XN01110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com