Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9119D10A Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9119D10A
Description  1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9119D10A Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9119D10A Datasheet HTML 8Page - Torex Semiconductor XC9119D10A Datasheet HTML 9Page - Torex Semiconductor XC9119D10A Datasheet HTML 10Page - Torex Semiconductor XC9119D10A Datasheet HTML 11Page - Torex Semiconductor XC9119D10A Datasheet HTML 12Page - Torex Semiconductor XC9119D10A Datasheet HTML 13Page - Torex Semiconductor XC9119D10A Datasheet HTML 14Page - Torex Semiconductor XC9119D10A Datasheet HTML 15Page - Torex Semiconductor XC9119D10A Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
XC9119D10A Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Oscillation Frequency vs. Supply Voltage
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
23
456
Supply Voltage: VDD(V)
VFB=0V,VCE=VDD,Rpull=100Ω ,Vpull=5V
Ta=85oC
25oC
-40oC
86
88
90
92
94
96
98
23456
Supply Voltage: VDD(V)
VFB=0V,VCE=VDD,Rpull=100Ω ,Vpull=5V
Ta=85oC
25oC
-40oC
0
100
200
300
400
500
600
700
800
900
234
56
Supply Voltage: VDD(V)
VCE=3.0V,Rpull=10Ω ,T r:2SK583
25oC
-40oC
Ta=85oC
(9) Maximum Duty Cycle vs. Supply Voltage
(10) Stan-by Current vs. Supply Voltage
(11) Lx ON Resistance vs. Supply Voltage
(12) Current Limit vs. Supply Voltage
(13) Feedback Voltage vs. Supply Voltage
0.98
0.99
1.00
1.01
1.02
234
56
Supply Voltage: VDD(V)
CIN=CL=4.7uF,L=22uH
RFB1=300k
Ω ,RFB2=75kΩ ,CFB=1000pF
Ta=85oC
-40oC
25oC
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
Supply Voltage: VDD(V)
VFB=0V,VCE=0V,Rpull=100
Ω ,Vpull=5V
Ta=85oC
-40oC,25oC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
23456
Supply Voltage: VDD(V)
25oC
Ta=85oC
-40oC
VCE=3.0V,VLx=0.4V,Rpull=10Ω ,T r:2SK583


Similar Part No. - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AEL TOREX-XC9119D10AEL Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AER TOREX-XC9119D10AER Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10AML TOREX-XC9119D10AML Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
More results

Similar Description - XC9119D10A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9119D10A TOREX-XC9119D10A_1 Datasheet
383Kb / 18P
   1MHz, PWM Controlled, Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9119D10A TOREX-XC9119D10A_V01 Datasheet
421Kb / 18P
   1MHz, PWM Controlled Step-Up DC/DC Converter, Ceramic Capacitor Compatible
XC9103 TOREX-XC9103_1 Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
0307_XC6373 TOREX-0307_XC6373 Datasheet
185Kb / 8P
   LOW FREQUENCY PWM CONTROLLED STEP UP DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7642 AITSEMI-A7642 Datasheet
523Kb / 9P
   DC-DC CONVERTER/BOOST (STEP-UP) 20V, 1MHz, 2A PWM REGULATOR
REV2.0 - JUN 2014
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com