Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4311B-CFL Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U4311B-CFL
Description  Low-current Superhet Remote Control Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4311B-CFL Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U4311B-CFL Datasheet HTML 1Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 2Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 3Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 4Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 5Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 6Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 7Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 8Page - TEMIC Semiconductors U4311B-CFL Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TELEFUNKEN Semiconductors
U4311B
Rev. A1: 23.06.1995
2 (14)
Pin Description
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RCwake
GND2
95 10322
Compout
RC–
RC+
AMout
OPin+
OPout
FMout
VRef
Discr
GND1
SWout
IFin
OPin–
VS
Figure 2. Pin description
Pin
Symbol
Function
1
OPin+
OP amplifier non inverted input
2
OPout
OP amplifier output
3
RCwake
RC wake up reset time
4
GND2
Ground of the logical circuits
5
Compout
Comparator output
6
RC–
Comparator time constant
7
RC+
Comparator time constant
8
AMout
AM current output
9
IFin
IF input
10
SWout
Wake up output
11
GND1
Ground of the analog circuits
12
Discr
FM discriminator tank
13
Vref
Reference voltage
14
FMout
FM discriminator output
15
VS
Supply voltage
16
OPin–
OP amplifier inverted input
Internal connections see figures 4 to 19
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
VS
13
V
Power dissipation
Tamb = 85°C
Ptot
400
mW
Junction temperature
Tj
125
°C
Ambient temperature
Tamb
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP16
SO16L
RthJA
RthJA
120
100
K/W
K/W


Similar Part No. - U4311B-CFL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
U4311B-MFSG3 ATMEL-U4311B-MFSG3 Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
More results

Similar Description - U4311B-CFL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
logo
TEMIC Semiconductors
U4313B TEMIC-U4313B Datasheet
167Kb / 14P
   Low-Current Superhet Remote Control Receiver
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
ADTech
ADT2550FXX ADTECH-ADT2550FXX Datasheet
38Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2550SXX ADTECH-ADT2550SXX Datasheet
30Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2689FXX ADTECH-ADT2689FXX Datasheet
30Kb / 1P
   High quality low current receiver IC infrared remote control system
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com