Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT2180B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT2180B
Description  Pre-Trimmed IC Voltage Controlled Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT2180B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT2180B Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2180B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Page 2
THAT2180 Series IC VCAs
SPECIFICATIONS1
Absolute-Maximum Ratings (TA =25°C)
Positive Supply Voltage (VCC)
+20 V
Negative Supply Voltage (VEE)
-20 V
Supply Current (ICC)10 mA
Max DEC
EC+ -(EC-)
± 1V
Power Dissipation (PD)(TA =75°C)
330 mW
Operating Temperature Range (TOP)
0 to +70°C
Storage Temperature Range (TST)
-40 to +125°C
Recommended Operating Conditions
2180A
2180B
2180C
Parameter
Symbol
Conditions
Min Typ
Max
Min Typ
Max
Min Typ
Max Units
Positive Supply Voltage VCC
+4 +15 +18
+4 +15 +18
+4 +15 +18
V
Negative Supply Voltage VEE
-4
-15 -18
-4
-15 -18
-4
-15 -18
V
Bias Current
ISET
VCC -VEE = 30 V
1
2.4
5
1
2.4
5
1
2.4
5
mA
Signal Current
IIN +IOUT
ISET = 2.4mA
— 0.35 1.5
— 0.35 1.5
— 0.35 1.5
mArms
Electrical Characteristics²
2180A
2180B
2180C
Parameter
Symbol
Conditions
Min Typ
Max
Min Typ
Max
Min Typ
Max Units
Supply Current
ICC
No Signal
2.4
4
2.4
4
2.4
4
mA
Equiv. Input Bias Current IB
No Signal
2
10
2
12
2
15
nA
Input Offset Voltage
VOFF(IN)
No Signal
±5—
±5—
±5—
mV
Output Offset Voltage VOFF(OUT)
Rout =20kW
0 dB gain
0.5
1
1
2
1.5
3
mV
+15 dB gain
1
3
1.5
4
3
10
mV
+30 dB gain
3
12
5
15
9
30
mV
Gain Cell Idling Current IIDLE
—20—
—20—
—20—
mA
Gain-Control Constant
TA =25°C(TCHIP@35°C)
-60 dB < gain < +40 dB
EC+ /Gain (dB)
Pin 2 (Fig. 14)
6.0
6.1
6.2
6.0
6.1
6.2
6.0
6.1
6.2
mV/dB
EC- /Gain (dB)
Pin 3
-6.2 -6.1 -6.0
-6.2 -6.1 -6.0
-6.2 -6.1 -6.0 mV/dB
Gain-Control TempCo DEC / DTCHIP Ref TCHIP =27°C
— +0.33 —
— +0.33 —
— +0.33 —
%/°C
Gain-Control Linearity
-60 to +40 dB gain
0.5
2
0.5
2
0.5
2
%
1 kHz Off Isolation
EC+= -360 mV, EC-= +360 mV 110 115
110 115
110 115
dB
Output Noise
en(OUT)
20 Hz~20kHz
Rout = 20kW
0 dB gain
-98 -97
-98 -96
-98 -95
dBV
+15 dB gain
-88 -86
-88 -85
-88 -84
dBV
Voltage at V-
VV-
No Signal
-3.1 -2.85 -2.6
-3.1 -2.85 -2.5
-3.1 -2.85 -2.6
V
1. All specifications subject to change without notice.
2. Unless otherwise noted, TA=25°C, VCC = +15V, VEE= –15V. Test circuit is as shown in Figure 2.


Similar Part No. - THAT2180B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
THAT2181A ETC1-THAT2181A Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
THAT2181B ETC1-THAT2181B Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
THAT2181C ETC1-THAT2181C Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
More results

Similar Description - THAT2180B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
   IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
2162Q16-U ETC2-2162Q16-U Datasheet
140Kb / 11P
   Dual Pre-trimmed Blackmer
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com