Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA-5063 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STA-5063
Description  3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STA-5063 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STA-5063 Datasheet HTML 1Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 2Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 3Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 4Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 5Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 6Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 7Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product
for use in life-support devices and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
1
EDS-102990 Rev D
Sirenza Microdevices’ STA-5063 is a general purpose class A
linear amplifier which utilizes InGaP GaAs Heterojunction
Bipolar Transistor (HBT) amplifier housed in a low-cost sur-
face-mountable plastic package. This product is specifically
designed as a driver amplifier for WLAN 802.11a and 5.8GHz
ISM band and 3.3-3.8GHz fixed wireless applications. It can
run from a fixed 3.0-3.6V supply with its on chip active bias net-
work which includes a power up and down control. On-chip
impedance matching circuitry provides a 50
Ω nominal RF input
and output impedance. Its high linearity makes it an ideal
choice for multicarrier and digital applications. Housed in an
industry standard SOT-363 package, it has no blind solder
joints and designed for low cost.
Key Specifications
Symbol
Parameters: Test Conditions
Evaluation Board, Z0 = 50Ω, VCC = 3.3V, Iq = 52mA,
T = 25ºC
Unit
Min.
Typ.
Max.
fO
Frequency of Operation
GHz
3.3
6.2
P1dB
Pout at 1dB Compression – 3.5 GHz with 3GHz app circuit
dBm
17.5
Pout at 1dB Compression – 5.1 GHz with 5GHz app circuit
15
Pout at 1dB Compression – 5.9 GHz with 5GHz app circuit
13.5
15
S21
Small Signal Gain – 3.5 GHz with 3.5GHz app circuit
dB
17.5
19
21
Small Signal Gain – 5.1 GHz with 5GHz app circuit
13.2
14.7
16.7
Small Signal Gain – 5.9 GHz with 5GHz app circuit
12.5
14
16
VSWR In
Input VSWR 5.1-5.9GHz for 5GHz app circuit
-
1.5
2.0
VSWR Out
Output VSWR 5.1-5.9GHz for 5GHz app circuit
-
2.0
2.6
OIP3
Output Third Order Intercept @ 3.5GHz
dBm
28
30
OIP3
Output Third Order Intercept @ 5.9GHz
dBm
25
27
NF
Noise Figure @ 5.9 GHz
dB
9
10.5
ISUPPLY
Total Device Current
mA
42
52
62
Rth, j-l
Thermal Resistance (junction - lead)
ºC/W
150
Functional Block Diagram
STA-5063
3.3 – 6.2 GHz General Purpose 3.3V
15dBm Amplifier
Applications
Linear Class A Performance
P1dB = 17.5dBm @ 3.5GHz
P1dB = 15dBm @ 5.9GHz
IP3 = 30dBm @ 3.5GHz
IP3 = 27dBm @ 5.9GHz
Power up/down control < 1µs
Active Bias controlled
Robust Class 1C ESD rating
Driver stage for 802.11a Access Points
Wimax 802.16 Driver stage
Low Power 5.8GHz ISM Output stage
Fixed Wireless, UNII driver stage
Product Description
SOT-363
2mm x 2.1mm
RFIN & VPC
GND
VCC
RFOUT
GND
GND
Product Features


Similar Part No. - STA-5063

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

Similar Description - STA-5063

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
TA060-180-10-15 TRANSCOM-TA060-180-10-15 Datasheet
44Kb / 2P
   6 ~ 18 GHz 15dBm Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_13 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com