Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA-5063 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STA-5063
Description  3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STA-5063 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STA-5063 Datasheet HTML 1Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 2Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 3Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 4Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 5Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 6Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 7Page - List of Unclassifed Manufacturers STA-5063 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
303 S. Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
6
EDS-102990 Rev D
STA-5063 3.3-6.2GHz 15dBm Amplifier
3GHz Tune Gain +25c
0
5
10
15
20
25
30
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
Frequency(GHz)
3GHz Tune Input Return Loss +25c
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2.5
2.7533.25
3.5
3.7544.25
4.5
Frequency(GHz)
3GHz Tune Output Return Loss +25c
-20
-15
-10
-5
0
5
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
Frequency(GHz)
3GHz Tune IP3 & P1dB
15
16
17
18
19
20
3.3
3.4
3.5
3.6
3.7
3.8
Freqeuncy(GHz)
27
28
29
30
31
32
P1 dB
IP3
3.3-3.8 GHz Evaluation Board Data (Vcc=VBIAS = 3.3V, Iq = 52mA)


Similar Part No. - STA-5063

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
More results

Similar Description - STA-5063

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
STA-5063Z RFMD-STA-5063Z Datasheet
585Kb / 10P
   3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
TA050-062-45-27 TRANSCOM-TA050-062-45-27 Datasheet
17Kb / 1P
   5 - 6.2 GHz 27.5 dBm Amplifier
TA060-180-10-15 TRANSCOM-TA060-180-10-15 Datasheet
44Kb / 2P
   6 ~ 18 GHz 15dBm Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_13 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com